Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOMO-II Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SOMO-II
Description  Embedded Audio-Sound Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOMO-II Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SOMO-II Datasheet HTML 1Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 2Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 3Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 4Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 5Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 6Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 7Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 8Page - List of Unclassifed Manufacturers SOMO-II Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
4D SYSTEMS
SOMO-II
© 2014 4D SYSTEMS
Page 3 of 17
www.4dsystems.com.au
1. Description
The SOMO-II (SOund Module 2) is a tiny Audio-
Sound module that can play MP3 audio files stored
on a micro-SD card (or USB 2.0 Flash drive with
extra components), such as voice and music.
The SOMO-II features an on board 16bit MCU,
specifically designed for hardware audio decoding.
The SOMO-II supports both FAT16 and FAT32
formatted micro-SD and USB Flash Drives up to
32Gb in size, and features a 24-bit DAC output
with support for all MP3 bit rates (11172-3 &
ISO13813-3 3 Layer Audio Decoding) with 8-Khz to
48Khz Sampling Rate.
Files can be stored in the root folder of the micro-
SD or USB Flash drive, else in folders. It supports
up to 100 folders and every folder can contain up
to 255 songs.
Audio files can be easily loaded to the micro-SD
card or USB Flash drive using a PC/Laptop, and
inserted into the SOMO-II for playback. No
external software is required.
The compact 16pin drop-in-module takes up very
minimal board space and is ideal for any
application that requires embedded audio.
The SOMO-II features an on board mono Amplifier
capable of driving an 4ohm 3 Watt speaker directly
(see Section 4.4). It also features stereo DAC
output for connecting directly to headphones or
into an external amplifier.
The module offers two modes of operation,
SERIAL-MODE and the KEY-MODE.
The SERIAL-MODE provides a simple 2-wire Serial
UART interface to any micro-controller via its TX
and RX pins. Audio operations such as PLAY,
PAUSE, STOP, NEXT, PREVIOUS and VOLUME
control functions are all available to the host micro
via simple serial commands, along with many
more. SERIAL-MODE features a CRC check.
The KEY-MODE provides a stand-alone operation
where a host micro is not required. It is possible to
control the module with just 2 buttons, or an array
of buttons can be added via various resistor values
to get full control of the module without having to
use an external processor.
With only 2 push buttons, a 3.3V to 5V battery and
a speaker, an extremely compact and low
component count MP3-Player like system can be
implemented.
In short, the SOMO-II offers a very flexible,
compact and low cost embedded audio solution
for many applications.
2. Features
 Low-cost module for all embedded Audio Sound
applications.
 Supports all MP3 bit rates 11172-3 &
ISO1381303 with Samples rates from 8Khz to
48Khz
 24-bit DAC output, dynamic range support
90dB, SNR supports 85dB
 SERIAL MODE: Supports a 2-Wire 3.3V TTL
UART interface to any micro-controller.
 KEY-MODE: Supports a simple stand-alone
operation without a host micro.
 Mono amplified Speaker output, capable of
driving a 4ohm speaker at 3 Watts (5V supply).
 DAC audio output to use with an external
amplifier or with headphones.
 On-board micro-SD memory card adaptor for
storing of audio, voice and music files
 Supports up to 32GB micro-SD memory cards,
and both FAT16 and FAT32 file formats.
 Supports up to 32GB USB 2.0 Flash Drive, when
used in conjunction with an USB socket (not on
board), supporting both FAT16 and FAT32 file
formats.
 Compact size measuring only 21.0mm Long x
20.5mm Wide x 11.3mm High.
 Weight ~2g.
 3.3V to 5.0V DC voltage range (single supply).
 RoHS and CE Compliant.


Similar Part No. - SOMO-II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOMO-14D ETC2-SOMO-14D Datasheet
860Kb / 11P
   Embedded Audio-Sound Module
More results

Similar Description - SOMO-II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOMO-14D ETC2-SOMO-14D Datasheet
860Kb / 11P
   Embedded Audio-Sound Module
logo
Rohm
BD3861FS ROHM-BD3861FS Datasheet
149Kb / 14P
   Audio sound controller
BH3864F ROHM-BH3864F Datasheet
45Kb / 4P
   Audio sound controller
BD3882FV ROHM-BD3882FV Datasheet
260Kb / 6P
   Audio sound controller
BD3881FV ROHM-BD3881FV_1 Datasheet
340Kb / 6P
   Audio sound controller
logo
Taiwan Memory Technolog...
T62M0002A TMT-T62M0002A_07 Datasheet
63Kb / 7P
   Digital Sound Processor Embedded SRAM
logo
Rohm
BH3857AFV ROHM-BH3857AFV Datasheet
258Kb / 15P
   Audio sound controller
logo
Taiwan Memory Technolog...
T62M0002A TMT-T62M0002A Datasheet
64Kb / 7P
   Digital Sound Processor Embedded SRAM
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com