Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114TE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC114TE
Description  NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114TE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC114TE Datasheet HTML 3Page - NXP Semiconductors PDTC114TE Datasheet HTML 4Page - NXP Semiconductors PDTC114TE Datasheet HTML 5Page - NXP Semiconductors PDTC114TE Datasheet HTML 6Page - NXP Semiconductors PDTC114TE Datasheet HTML 7Page - NXP Semiconductors PDTC114TE Datasheet HTML 8Page - NXP Semiconductors PDTC114TE Datasheet HTML 9Page - NXP Semiconductors PDTC114TE Datasheet HTML 10Page - NXP Semiconductors PDTC114TE Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Philips Semiconductors
PDTC114T series
NPN resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
PDTC114T_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 9 February 2006
10 of 11
11. Data sheet status
[1]
Please consult the most recently issued data sheet before initiating or completing a design.
[2]
The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at
URL http://www.semiconductors.philips.com.
[3]
For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
12. Definitions
Short-form specification — The data in a short-form specification is
extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with
the Absolute Maximum Rating System (IEC 60134). Stress above one or
more of the limiting values may cause permanent damage to the device.
These are stress ratings only and operation of the device at these or at any
other conditions above those given in the Characteristics sections of the
specification is not implied. Exposure to limiting values for extended periods
may affect device reliability.
Application information — Applications that are described herein for any
of these products are for illustrative purposes only. Philips Semiconductors
makes no representation or warranty that such applications will be suitable for
the specified use without further testing or modification.
13. Disclaimers
Life support — These products are not designed for use in life support
appliances, devices, or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors
customers using or selling these products for use in such applications do so
at their own risk and agree to fully indemnify Philips Semiconductors for any
damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to
make changes in the products - including circuits, standard cells, and/or
software - described or contained herein in order to improve design and/or
performance. When the product is in full production (status ‘Production’),
relevant changes will be communicated via a Customer Product/Process
Change Notification (CPCN). Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no
license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are
free from patent, copyright, or mask work right infringement, unless otherwise
specified.
14. Trademarks
Notice — All referenced brands, product names, service names and
trademarks are the property of their respective owners.
15. Contact information
For additional information, please visit: http://www.semiconductors.philips.com
For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
Level
Data sheet status [1]
Product status [2] [3]
Definition
I
Objective data
Development
This data sheet contains data from the objective specification for product development. Philips
Semiconductors reserves the right to change the specification in any manner without notice.
II
Preliminary data
Qualification
This data sheet contains data from the preliminary specification. Supplementary data will be published
at a later date. Philips Semiconductors reserves the right to change the specification without notice, in
order to improve the design and supply the best possible product.
III
Product data
Production
This data sheet contains data from the product specification. Philips Semiconductors reserves the
right to make changes at any time in order to improve the design, manufacturing and supply. Relevant
changes will be communicated via a Customer Product/Process Change Notification (CPCN).


Similar Part No. - PDTC114TE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
   NPN resistor-equipped transistor
1998 Aug 03
PDTC114TE PHILIPS-PDTC114TE Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
logo
Nexperia B.V. All right...
PDTC114TE NEXPERIA-PDTC114TE Datasheet
587Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDTC114TE NEXPERIA-PDTC114TE Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC114TE NEXPERIA-PDTC114TE Datasheet
202Kb / 12P
   PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
More results

Similar Description - PDTC114TE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTC114T NEXPERIA-PDTC114T Datasheet
587Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
logo
NXP Semiconductors
PDTA114T NXP-PDTA114T Datasheet
88Kb / 11P
   PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007
logo
Nexperia B.V. All right...
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
   NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
PDTA114T_SER NEXPERIA-PDTA114T_SER Datasheet
202Kb / 12P
   PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
logo
NXP Semiconductors
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
logo
Nexperia B.V. All right...
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PEMD14_PUMD14 PHILIPS-PEMD14_PUMD14_15 Datasheet
77Kb / 11P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com