Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXK8-PW40-0016A Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXK8-PW40-0016A
Description  High efficacy plug and play array solution with precise flux, Vf and color
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK8-PW40-0016A Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXK8-PW40-0016A Datasheet HTML 1Page - Lumileds Lighting Company LXK8-PW40-0016A Datasheet HTML 2Page - Lumileds Lighting Company LXK8-PW40-0016A Datasheet HTML 3Page - Lumileds Lighting Company LXK8-PW40-0016A Datasheet HTML 4Page - Lumileds Lighting Company LXK8-PW40-0016A Datasheet HTML 5Page - Lumileds Lighting Company LXK8-PW40-0016A Datasheet HTML 6Page - Lumileds Lighting Company LXK8-PW40-0016A Datasheet HTML 7Page - Lumileds Lighting Company LXK8-PW40-0016A Datasheet HTML 8Page - Lumileds Lighting Company LXK8-PW40-0016A Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LUXEONKDatasheetDS10220140404©2014PhilipsLumiledsLightingCompany.
4
Table 1 Continued.
Nominal
CCT
Emitter
Count
Part
Number
Test Current
(mA)
Minimum
CRI
Typical
CRI
Minimum Flux
(lm)
Typical Flux (lm)
Maximum Flux
(lm)
3000
8
LXK7-PW30-0008
350
70
73
1020
1070
1225
3000
12
LXK7-PW30-0012
350
70
73
1490
1565
1785
3000
16
LXK7-PW30-0016
350
70
73
2005
2105
2405
4000
8
LXK7-PW40-0008
350
70
73
1020
1071
1225
4000
12
LXK7-PW40-0012
350
70
73
1560
1638
1870
4000
16
LXK7-PW40-0016
350
70
73
2040
2150
2445
2700
4
LXK9-PW27-0004
350
90
93
300
320
360
2700
8
LXK9-PW27-0008
350
90
93
610
640
730
2700
12
LXK9-PW27-0012
350
90
93
940
960
1120
2700
16
LXK9-PW27-0016
350
90
93
1265
1280
1510
2700
24
LXK9-PW27-0024
350
90
93
1880
1925
2250
3000
4
LXK9-PW30-0004
350
90
93
320
350
380
3000
8
LXK9-PW30-0008
350
90
93
660
695
790
3000
12
LXK9-PW30-0012
350
90
93
1010
1050
1210
3000
16
LXK9-PW30-0016
350
90
93
1350
1400
1620
3000
24
LXK9-PW30-0024
350
90
93
2045
2110
2450
2700**
4
LXK8-PW27-0004
350
80
83
310
345
370
2700**
8
LXK8-PW27-0008
350
80
83
680
690
810
2700**
12
LXK8-PW27-0012
350
80
83
990
1045
1180
2700**
16
LXK8-PW27-0016
350
80
83
1380
1395
1650
2700**
24
LXK8-PW27-0024
350
80
83
1960
2090
2350
3000**
4
LXK8-PW30-0004
350
80
83
330
370
390
3000**
8
LXK8-PW30-0008
350
80
83
730
740
870
3000**
12
LXK8-PW30-0012
350
80
83
1070
1125
1280
3000**
16
LXK8-PW30-0016
350
80
83
1475
1500
1770
3000**
24
LXK8-PW30-0024
350
80
83
2100
2250
2520
4000**
4
LXK8-PW40-0004
350
80
83
380
410
450
4000**
8
LXK8-PW40-0008
350
80
83
780
815
930
4000**
12
LXK8-PW40-0012
350
80
83
1120
1240
1340
4000**
16
LXK8-PW40-0016
350
80
83
1590
1650
1900
4000**
24
LXK8-PW40-0024
350
80
83
2260
2475
2710
Notes for Table 1:
1. PhilipsLumiledsmaintainsatoleranceof±6.5%onluminousfluxand±2onCRImeasurements.
2. *=Highvoltagemulti-junction.
3. **=Partswithoriginalfluxperformance(beforefluxupgrade).
ProductSelectionGuideforLUXEONKRoyalBlue,
JunctionTemperature=85°C,TestCurrent=350mA
Table 2.
Color
Emitter
Count
Part
Number
Minimum
Radiometric Power
(mW)
Typical
Radiometric Power
(mW)
Maximum
Radiometric Power
(mW)
Typical Radiant
Efficiency (%)
RoyalBlue
8
LXK0-PR04-0008
4500
4670
5400
62%
RoyalBlue
16
LXK0-PR04-0016
9000
9350
10800
62%


Similar Part No. - LXK8-PW40-0016A

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW40-0016A LUMILEDS-LXK8-PW40-0016A Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
More results

Similar Description - LXK8-PW40-0016A

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK8-PW40-0012A LUMILEDS-LXK8-PW40-0012A Datasheet
2Mb / 28P
   Plug and play matrix platform solution with precise flux, V and color
DS102 LUMILEDS-DS102 Datasheet
2Mb / 28P
   Plug and play matrix platform solutio with precise flux, Vf and color
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
   High Flux Density and Efficacy
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Lumileds Lighting Compa...
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com