Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXZ7-PW50 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # MXZ7-PW50
Description  Compact footprint delivering high-efficacy and just the right amount of light
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

MXZ7-PW50 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  MXZ7-PW50 Datasheet HTML 1Page - Lumileds Lighting Company MXZ7-PW50 Datasheet HTML 2Page - Lumileds Lighting Company MXZ7-PW50 Datasheet HTML 3Page - Lumileds Lighting Company MXZ7-PW50 Datasheet HTML 4Page - Lumileds Lighting Company MXZ7-PW50 Datasheet HTML 5Page - Lumileds Lighting Company MXZ7-PW50 Datasheet HTML 6Page - Lumileds Lighting Company MXZ7-PW50 Datasheet HTML 7Page - Lumileds Lighting Company MXZ7-PW50 Datasheet HTML 8Page - Lumileds Lighting Company MXZ7-PW50 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LUXEON 4014 Datasheet DS205 20140223 ©2014 Philips Lumileds Lighting Company.
3
Product Performance and Characterization Guide
Typical Product Characteristics at 30 mA and 60 mA
Table 1. Performance Characteristics at T
j = 25˚C, If
Nominal
CCT
Part Number
Minimum
CRI
Luminous Flux @ 30 mA, 25°C
Luminous Flux @ 60 mA, 25°C
V
f at 30 mA
Minimum (lm)
Typical (lm)
Minimum (lm)
Typical (lm)
Typical
5000K
MXZ7-PW50
70
10.0
13.0
18
23
2.9
5700K
MXZ7-PW57
70
10.0
13.0
18
23
2.9
6500K
MXZ7-PW65
70
10.0
13.0
18
23
2.9
2200K
MXZ8-PW22
80
8.5
9.7
14
17
2.9
2500K
MXZ8-PW25
80
8.5
10.2
14
17
2.9
2700K
MXZ8-PW27
80
8.5
10.5
15
18
2.9
3000K
MXZ8-PW30
80
8.5
11.0
15
20
2.9
3500K
MXZ8-PW35
80
9.0
11.0
16
20
2.9
4000K
MXZ8-PW40
80
10.0
12.0
18
22
2.9
5000K
MXZ8-PW50
80
10.0
12.0
18
22
2.9
5700K
MXZ8-PW57
80
9.5
11.5
17
20
2.9
6500K
MXZ8-PW65
80
9.5
11.5
17
20
2.9
2700K
MXZ9-PW27
90
8.5
9.0
14
17
2.9
3000K
MXZ9-PW30
90
8.5
9.3
14
17
2.9
4000K
MXZ9-PW40
90 typ.
10.0
11.1
17
20
2.9
5000K
MXZ9-PW50
90 typ.
10.0
11.1
17
20
2.9
Notes for Table 1:
1. Philips Lumileds maintains a tolerance of ±7.5% on luminous flux, ±2 on CRI.
2. Production parts are binned at 30 mA, 25°C.
3. Performance at 60 mA, 25°C is for reference only.
Electrical Characteristics
Electrical Characteristics of Low-Power LEDs
Solder Pad Temperature = 25°C, Test Current = 30 mA
Table 2.
Part
Numbers
Forward Voltage V
f
[1]
(V)
Typ. Temperature Coefficient
of Forward Voltage [2] (mV/°C)
DV
f / DTJ
Typical Thermal Resistance
Junction to Solder Pad (°C/W)
Ru
J-C
Minimum
Typical
Maximum
MXZx-PWXX
2.7
2.9
3.2
-1.6
45
Notes for Table 2:
1. Philips Lumileds maintains a tolerance of ± 0.10V on forward voltage measurements.
2. Measured between T
j = 25°C and Tj = 110°C.


Similar Part No. - MXZ7-PW50

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
More results

Similar Description - MXZ7-PW50

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
L1Q0-278000000ZZZ0 LUMILEDS-L1Q0-278000000ZZZ0 Datasheet
1Mb / 18P
   Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Lumileds Lighting Compa...
L130-8070001400001 LUMILEDS-L130-8070001400001 Datasheet
2Mb / 22P
   High efficacy compact package, designed for high quality light output
20200426
DS115 LUMILEDS-DS115 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
ams AG
KTDMLN31.13 AMSCO-KTDMLN31.13 Datasheet
1Mb / 23P
   nullThis compact LED device is part of the SYNIOS P2720 family. Given the scalability of this product family, it provides full performance and flexibility with just one footprint.
Version 1.2 2023-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com