Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212B7106KG-TD Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # LMK212B7106KG-TD
Description  Please read this notice before using the TAIYO YUDEN products
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LMK212B7106KG-TD Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  LMK212B7106KG-TD Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LMK212B7106KG-TD Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
c_mlcc_pack01_j-02
Multilayer Ceramic Capacitors
PACKAGING
①Minimum Quantity
Taped package
Type(EIA)
Thickness
Standard quantity [pcs]
mm
code
Paper tape
Embossed tape
□MK042(01005)
0.2
C, D
40000
□MK063(0201)
0.3
P, T
15000
□WK105(0204) ※
0.3
P
10000
□MK105(0402)
0.2
C
20000
0.3
P
15000
0.5
V
10000
□VK105(0402) ※
0.5
W
□MK107(0603)
□WK107(0306) ※
□MR107(0603)
0.45
K
4000
0.5
V
4000
0.8
A
4000
□MK212(0805)
□WK212(0508) ※
□MR212(0805)
0.45
K
0.85
D
1.25
G
3000
□MK316(1206)
□MR316(1206)
0.85
D
4000
1.15
F
3000
1.25
G
1.6
L
2000
□MK325(1210)
□MR325(1210)
0.85
D
1.15
F
1.5
H
1.9
N
2.0max.
Y
2.5
M
500(T), 1000(P)
□MK432(1812)
2.5
M
500
Note : ※ LW Reverse type.
②Taping material
※No bottom tape for pressed carrier tape
Card board carrier tape
Embossed tape
Chip filled


Similar Part No. - LMK212B7106KG-TD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
LMK212B7106MG TOREX-LMK212B7106MG Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Taiyo Yuden (U.S.A.), I...
LMK212B7106MG TAIYO-YUDEN-LMK212B7106MG Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products?
More results

Similar Description - LMK212B7106KG-TD

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com