Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F930G107MAA Datasheet(PDF) 1 Page - AVX Corporation

Part # F930G107MAA
Description  Resin-Molded Chip, Standard Tantalum J-Lead
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F930G107MAA Datasheet(HTML) 1 Page - AVX Corporation

  F930G107MAA Datasheet HTML 1Page - AVX Corporation F930G107MAA Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
MARCH 2013
C
Performance Characteristics
Item
Type numbering system (Example: 10V 10μF)
Drawing
Dimensions
Marking
Specifications
Category
Temperature Range
--55 to +125˚C (Rated temperature : +85˚C)
Capacitance Tolerance
± 20%, ±10% (at 120Hz)
Dissipation Factor (120Hz)
Refer to next page
ESR (100kHz)
Refer to next page
Leakage Current
• After 1 minute's application of rated voltage, leakage current
at 20˚C is not more than 0.01CV or 0.5μA, whichever is greater.
• After 1 minute's application of rated voltage, leakage current
at 85˚C is not more than 0.1CV or 5μA, whichever is greater.
• After 1 minute's application of derated voltage, leakage current
at 125˚C is not more than 0.125CV or 6.3μA, whichever is greater.
Capacitance Change
by Temperature
+15% Max. (at +125˚C)
+10% Max. (at +85˚C)
--10% Max. (at --55˚C)
Damp Heat
(Steady State)
At 40˚C 90 to 95% R.H. 500 hours (No voltage applied)
Capacitance Change...Refer to next page (* 1)
Dissipation Factor........Initial specified value or less
Leakage Current..........Initial specified value or less
Temperature Cycles
--55˚C / +125˚C 30 minutes each 5 cycles
Capacitance Change...Refer to next page (* 1)
Dissipation Factor........Initial specified value or less
Leakage Current..........Initial specified value or less
Resistance
to Soldering Heat
10 seconds reflow at 260˚C , 5 seconds immersion at 260˚C
Capacitance Change...Refer to next page (* 1)
Dissipation Factor........Initial specified value or less
Leakage Current..........Initial specified value or less
Surge
After application of surge voltage in series with a 33
Ω resistor at the rate of
30 seconds ON, 30 seconds OFF, for 1000 successive test cycles at
85˚C, capacitors shall meet the characteristic requirements table below.
Capacitance Change.....Refer to next page (* 1)
Dissipation Factor.........Initial specified value or less
Leakage Current...........Initial specified value or less
Endurance
After 2000 hours' application of rated voltage in series with a 3
Ω resistor
at 85˚C, or derated voltage in series with a 3
Ω resistor at 125˚C,
capacitors shall meet the characteristic requirements table below.
Capacitance Change......
Refer to next page (* 1)
Dissipation Factor..........Initial specified value or less
Leakage Current............Initial specified value or less
Shear Test
After applying the pressure load of 5N for 10±1 seconds
horizontally to the center of capacitor side body which has no
electrode and has been soldered
beforehand on a substrate, there shall be
found neither exfoliation nor its sign at the
terminal electrode.
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside down
and supporting the substrate at both of the opposite bottom points
45mm apart from the center of
capacitor, the pressure strength is
applied with a specified jig at the
center of substrate so that the
substrate may bend by 1mm as
illustrated. Then, there shall be found
no remarkable abnormality on the
capacitor terminals.
Case code
L
W
1
W
2
HS
A
3.2 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
1.6 ± 0.2
0.8 ± 0.2
B
3.5 ± 0.2
2.8 ± 0.2
2.2 ± 0.1
1.9 ± 0.2
0.8 ± 0.2
C
6.0 ± 0.2
3.2 ± 0.2
2.2 ± 0.1
2.5 ± 0.2
1.3 ± 0.2
N
7.3 ± 0.2
4.3 ± 0.2
2.4 ± 0.1
2.8 ± 0.2
1.3 ± 0.2
(mm)
( ) The series in parentheses are being developed.
Please contact to your local AVX sales office when these
series are being designed in your application.
Taping code
(Refer to page 333 for details)
F
1
9
2
3
3
1
4
A
5
1
6
0
7
6
8
M
9
A
10
11
Case code
Capacitance tolerance
Rated capacitance
Rated voltage
Series
A B Case
C N Case
Capacitance (
μF)
Rated voltage
(V)
Rated voltage (V)
A Case
B Case
C Case
N Case
(Rated voltage code)
(Capacitance code)
C685
22
16V
G
J
A
4V
6.3V
10V
16V
20V
D
E
V
25V
35V
Standard Ratings
Compliant to the RoHS directive (2002/95/EC).
0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
684
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
687
A
A
A
A
A B
B
(A) B C
C
N
N
A
A
A
A
A B
A B
A B C
B C
B C N
N
N
A
A
A
A B
A B
A B C
B C
B C N
C N
N
N
A
A
A
A
A
A B
A B
A B C
B C
(B) C N
N
C N
N
N
A
A
A B
A B
A B
C
B C
C N
C N
(N)
A
A
A
A B
B
B C
C
C
N
N
4
0G
6.3
0J
10
1A
16
1C
20
1D
25
1E
35
1V
Cap. (μF)
Code
V
A
A
A
A
A B
B C
C
C N
N
N
We can supply the type of compliance to AEC-Q200.
Please contact to your local AVX sales office
when these series are being designed in your application.
F93 Series
Resin-Molded Chip, Standard Tantalum J-Lead


Similar Part No. - F930G107MAA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F930G107MAA NICHICON-F930G107MAA Datasheet
136Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930G107MAA NICHICON-F930G107MAA Datasheet
467Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930G107MAA NICHICON-F930G107MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930G107MAA NICHICON-F930G107MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930G107MAA NICHICON-F930G107MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F930G107MAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Vishay Siliconix
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
292D VISHAY-292D Datasheet
122Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
Revision: 05-Mar-08
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com