Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PW31 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXML-PW31
Description  Illumination Portfolio ANSI Binned with Minimum CRI
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PW31 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXML-PW31 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PW31 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LUXEON Rebel ANSI Binned Datasheet DS63 20121212
6
Electrical Characteristics at 350 mA for LUXEON Rebel
Thermal Pad Temperature = 25ºC
Table 3.
Typical
Temperature
Typical
Coefficient of
Thermal
Forward
Resistance
Forward Voltage V
f
[1]
Voltage [2]
Junction to
(V)
(mV/°C)
Thermal Pad (°C/W)
Part Numbers
Min.
Typ.
Max.
DV
f / DTJ
Ru
J-C
LXM3-PW81
2.55
3.00
3.99
-2.0 to -4.0
10
LXM3-PW71
2.55
3.00
3.99
-2.0 to -4.0
10
LXML-PW71
2.55
3.00
3.99
-2.0 to -4.0
10
LXM3-PW61
2.55
3.00
3.99
-2.0 to -4.0
10
LXM3-PW51
2.55
3.00
3.99
-2.0 to -4.0
10
LXML-PW51
2.55
3.00
3.99
-2.0 to -4.0
10
LXML-PW31
2.55
3.00
3.99
-2.0 to -4.0
10
LXML-PW21
2.55
3.00
3.99
-2.0 to -4.0
10
LXML-PW11
2.55
3.00
3.99
-2.0 to -4.0
10
LXM7-PW40
2.50
3.00
3.50
-2.0 to -4.0
10
LXM8-PW27
2.50
3.00
3.50
-2.0 to -4.0
10
LXM8-PW30
2.50
3.00
3.50
-2.0 to -4.0
10
Notes for Table 3:
1. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Measured between 25°C = T
J = 110°C at If = 350 mA.
Electrical Characteristics


Similar Part No. - LXML-PW31

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PWC1-0040 LUMILEDS-LXML-PWC1-0040 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0050 LUMILEDS-LXML-PWC1-0050 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0070 LUMILEDS-LXML-PWC1-0070 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0080 LUMILEDS-LXML-PWC1-0080 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0090 LUMILEDS-LXML-PWC1-0090 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
More results

Similar Description - LXML-PW31

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL11G-2K3431 SICK-WL11G-2K3431 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
WL11G-2B2531 SICK-WL11G-2B2531 Datasheet
4Mb / 9P
   PRODUCT PORTFOLIO
logo
Schurter Inc.
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
SICK AG
WL11G-2B2531P04 SICK-WL11G-2B2531P04 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
   Product Portfolio Information
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Rohm
BD2802GU ROHM-BD2802GU Datasheet
553Kb / 28P
   6LEDs Illumination
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
   Touch-Sensitive Switch with LED Illumination
SB54 GREATECS-SB54 Datasheet
136Kb / 1P
   SMT Slide Switches with LED Illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com