Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHC1-3590-1205 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LHC1-3590-1205
Description  Uniform, High Efficacy and Easy-to-Design Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHC1-3590-1205 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LHC1-3590-1205 Datasheet HTML 1Page - Lumileds Lighting Company LHC1-3590-1205 Datasheet HTML 2Page - Lumileds Lighting Company LHC1-3590-1205 Datasheet HTML 3Page - Lumileds Lighting Company LHC1-3590-1205 Datasheet HTML 4Page - Lumileds Lighting Company LHC1-3590-1205 Datasheet HTML 5Page - Lumileds Lighting Company LHC1-3590-1205 Datasheet HTML 6Page - Lumileds Lighting Company LHC1-3590-1205 Datasheet HTML 7Page - Lumileds Lighting Company LHC1-3590-1205 Datasheet HTML 8Page - Lumileds Lighting Company LHC1-3590-1205 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LUXEON CoB Datasheet DS115 20140328 ©2014 Philips Lumileds Lighting Company.
2
General Information
Product Nomenclature
LUXEON CoB is tested and binned hot at T
j = 85°C with a current pulse duration of 20ms.
The part number designation is explained as follows:
L H C A – B B C C – D D E E
Where:
A — designates the generation of the product family
B B — designates ANSI color point (e.g. 30 for 3000K)
C C — designates minimum CRI level (e.g. 80 for minimum 80 CRI)
D D E E — designates product configuration (e.g. 1203 for the 1000-2000 lm package)
Therefore 3000K, 80 CRI LUXEON CoB products will be:
L H C 1 – 3 0 8 0 – 1 2 0 3
Average Lumen Maintenance Characteristics
Lumen maintenance for solid-state lighting devices (LEDs) is typically defined in terms of the percentage of initial
light output remaining after a specified period of time. Philips Lumileds projects that LUXEON CoB will deliver—on
average—70% lumen maintenance (L70) at 50,000 hours of operation at its nominal, tested conditions. Observation
of design limits included in this data sheet is required in order to achieve this projected lumen maintenance
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solid-state lighting market.
LUXEON CoB is compliant to the European Union directives on the restriction of hazardous substances in electronic
equipment, namely the RoHS and REACH directives. Philips Lumileds will not intentionally add the following
restricted material to the LUXEON CoB: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls
(PBB) or polybrominated diphenyl ethers (PBDE).


Similar Part No. - LHC1-3590-1205

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
LHC1-3590-1208 LUMILEDS-LHC1-3590-1208 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
More results

Similar Description - LHC1-3590-1205

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com