Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXV8-PW30-0014 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LXV8-PW30-0014
Description  High Voltage (100V and 200V) LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXV8-PW30-0014 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LXV8-PW30-0014 Datasheet HTML 7Page - Lumileds Lighting Company LXV8-PW30-0014 Datasheet HTML 8Page - Lumileds Lighting Company LXV8-PW30-0014 Datasheet HTML 9Page - Lumileds Lighting Company LXV8-PW30-0014 Datasheet HTML 10Page - Lumileds Lighting Company LXV8-PW30-0014 Datasheet HTML 11Page - Lumileds Lighting Company LXV8-PW30-0014 Datasheet HTML 12Page - Lumileds Lighting Company LXV8-PW30-0014 Datasheet HTML 13Page - Lumileds Lighting Company LXV8-PW30-0014 Datasheet HTML 14Page - Lumileds Lighting Company LXV8-PW30-0014 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LUXEONHDatasheetDS10420131113©2013PhilipsLumiledsLightingCompany.
10
Relative Spectral Distribution vs.Wavelength Characteristics
LXV8-PW27 (2700K) at Test Current, Junction Temperature = 85°C
LXV8-PW30 (3000K) at Test Current, Junction Temperature = 85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
350
400
450
500
550
600
650
700
750
800
850
Wavelength, [nm]
2700K
Figure 2. Color spectrum of LXV8-PW27-x0xx, 2700K emitters, integrated measurement.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
350
400
450
500
550
600
650
700
750
800
850
Wavelength, [nm]
3000K
Figure 3. Color spectrum of LXV8-PW30-x0xx, 3000K emitters, integrated measurement.


Similar Part No. - LXV8-PW30-0014

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXV0-PR00-0017 LUMILEDS-LXV0-PR00-0017 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0024 LUMILEDS-LXV0-PR00-0024 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0041 LUMILEDS-LXV0-PR00-0041 Datasheet
2Mb / 20P
   Best punch and easy integration
logo
List of Unclassifed Man...
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXV100-012S ETC2-LXV100-012S Datasheet
421Kb / 2P
   LED Power Supply
More results

Similar Description - LXV8-PW30-0014

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MK1110 SANKEN-MK1110 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
Harris Corporation
RURD410 HARRIS-RURD410 Datasheet
42Kb / 4P
   4A, 100V - 200V Ultrafast Diodes
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
   8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Panasonic Semiconductor
ECJ-2VB2A471K PANASONIC-ECJ-2VB2A471K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ-2VC2A471J PANASONIC-ECJ-2VC2A471J Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors (100V, 200V Series)
logo
Taiwan Semiconductor Co...
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Panasonic Semiconductor
ECJ-4YB2A684K PANASONIC-ECJ-4YB2A684K Datasheet
207Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ-2VB2D471K PANASONIC-ECJ-2VB2D471K Datasheet
208Kb / 4P
   Multilayer Ceramic Capacitors(100V, 200V Series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com