Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMA-PH02-0070 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXMA-PH02-0070
Description  Automotive Specification
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXMA-PH02-0070 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXMA-PH02-0070 Datasheet HTML 1Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 2Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 3Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 4Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 5Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 6Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 7Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 8Page - Lumileds Lighting Company LXMA-PH02-0070 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LUXEON Rebel Automotive Specification Datasheet DS58 20121129
5
Lambertian LUXEON Rebel at Test Current [1]
Junction Temperature,T
J = 25°C
[10]
Table 2.
Typical
Temperature
Typical
Typical
Coefficient of
Total
Typical
Color Temperature [2],[3]
Spectral
Dominant
Included
Viewing
CCT
Half-width [5]
Wavelength
Angle [6]
Angle [7]
(nm)
(nm/°C)
(degrees)
(degrees)
Color
Min.
Typ.
Max.
Dl
1/2
Dl
D/ DTJ
u
0.90V
2u 1/2
Automotive White [8]
3800 K
5500 K
6300 K
160
120
Red-Orange [9]
610.0 nm
617.0 nm
620.0 nm
20
0.08
160
125
Amber [9]
587.0 nm
590.0 nm
592.0 nm
14
0.10
160
125
PC Amber [8]
588.0 nm
591.0 nm
592.0 nm
80
0.10
160
120
Notes for Table 2:
1. LUXEON Rebel is tested and binned at 350 mA.
2. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Philips Lumileds maintains a
tolerance of ± 0.5 nm for dominant wavelength measurements.
3. CCT ±5% tester tolerance.
4. CRI (Color Rendering Index) for white product types is 70 typical.
5. Spectral width at ½ of the peak intensity.
6. Total angle at which 90% of total luminous flux is captured.
7. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
8. All white and PC Amber products are built with Indium Gallium Nitride (InGaN).
9. All red-orange and amber products are built with Aluminum Indium Gallium Phosphide (AlInGaP).
10. Junction Temperature is estimated based on instant measurement at thermal pad temperature of 25°C.
Optical Characteristics


Similar Part No. - LXMA-PH02-0070

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXMA-PH02-0070 LUMILEDS-LXMA-PH02-0070 Datasheet
1Mb / 19P
   High flux solution for signaling applications
More results

Similar Description - LXMA-PH02-0070

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL31B225KBH4PNE SAMSUNG-CL31B225KBH4PNE Datasheet
127Kb / 2P
   Specification of Automotive MLCC
logo
ATMEL Corporation
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
ATTINY45 ATMEL-ATTINY45_14 Datasheet
1Mb / 22P
   Appendix A - ATtiny45 Automotive specification at 150
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com