Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PW71 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXML-PW71
Description  Illumination Portfolio ANSI Binned with Minimum CRI
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PW71 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXML-PW71 Datasheet HTML 1Page - Lumileds Lighting Company LXML-PW71 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PW71 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PW71 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PW71 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PW71 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PW71 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PW71 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PW71 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LUXEON Rebel ANSI Binned Datasheet DS63 20121212
5
LUXEON Rebel at Test Current [1,5]
Thermal Pad Temperature = 25°C
Table 2.
Typical
Total
Typical
Color Temperature [2]
Included
Viewing
CCT
Angle [3]
Angle [4]
Nominal
(degrees)
(degrees)
CCT
Min.
Typ.
Max.
u
0.90V
2u 1/2
2700K
2580K
2725K
2870K
160
120
3000K
2870K
3045K
3220K
160
120
3500K
3220K
3465K
3710K
160
120
4000K
3710K
3985K
4260K
160
120
5000K
4745K
5028K
5311K
160
120
5700K
5310K
5665K
6020K
160
120
6500K
6020K
6530K
7040K
160
120
Notes for Table 2:
1. Test current is 350 mA for all LXML-Pxx1, LXM3-Pxx1 and LXMx-PWxx products.
2. CCT ±5% tester tolerance.
3. Total angle at which 90% of total luminous flux is captured.
4. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
5. All white products are built with Indium Gallium Nitride (InGaN).
Optical Characteristics


Similar Part No. - LXML-PW71

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PWC1-0040 LUMILEDS-LXML-PWC1-0040 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0050 LUMILEDS-LXML-PWC1-0050 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0070 LUMILEDS-LXML-PWC1-0070 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0080 LUMILEDS-LXML-PWC1-0080 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
LXML-PWC1-0090 LUMILEDS-LXML-PWC1-0090 Datasheet
1Mb / 33P
   ultra-compact, surface-mount, high-power LED
More results

Similar Description - LXML-PW71

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL11G-2K3431 SICK-WL11G-2K3431 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
WL11G-2B2531 SICK-WL11G-2B2531 Datasheet
4Mb / 9P
   PRODUCT PORTFOLIO
logo
Schurter Inc.
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
SICK AG
WL11G-2B2531P04 SICK-WL11G-2B2531P04 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
   Product Portfolio Information
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Rohm
BD2802GU ROHM-BD2802GU Datasheet
553Kb / 28P
   6LEDs Illumination
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
   Touch-Sensitive Switch with LED Illumination
SB54 GREATECS-SB54 Datasheet
136Kb / 1P
   SMT Slide Switches with LED Illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com