Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHC1-3090-1204 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # LHC1-3090-1204
Description  Uniform, High Efficacy and Easy-to-Design Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHC1-3090-1204 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  LHC1-3090-1204 Datasheet HTML 1Page - Lumileds Lighting Company LHC1-3090-1204 Datasheet HTML 2Page - Lumileds Lighting Company LHC1-3090-1204 Datasheet HTML 3Page - Lumileds Lighting Company LHC1-3090-1204 Datasheet HTML 4Page - Lumileds Lighting Company LHC1-3090-1204 Datasheet HTML 5Page - Lumileds Lighting Company LHC1-3090-1204 Datasheet HTML 6Page - Lumileds Lighting Company LHC1-3090-1204 Datasheet HTML 7Page - Lumileds Lighting Company LHC1-3090-1204 Datasheet HTML 8Page - Lumileds Lighting Company LHC1-3090-1204 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LUXEON CoB DS115 ©2014 Philips Lumileds Lighting Company.
Features
• Efficacy: >130 lm/W, 35.5 V
• Lumen packages from 1000 to >7000 lm
• Industry smallest LES (Light Emitting Surface)
• Industry leading thermal resistance
• Best luminous and color uniformity
• Binned within 3-Step and 5-Step MacAdam Ellipse
• Tested at T
j = 85°C
• Robust MCPCB solution
• Mouse-bites available for M2-M3 screws
• Supported by a comprehensive optical,
mechanical, and electrical ecosystem
Benefits
• Breakthrough in LED efficacy
• Enabling halogen and CDM replacement
• Enables smaller and less expensive reflectors
• Enables smaller heatsinks in your system
• More uniform and crisp light beams
• Enabling luminaire to luminaire consistency
• Real world application testing
• Easy to handle in manufacturing and operations
• Easy to screw down the arrays
• Drivers, holders and optics readily available
LUXEON CoB
Uniform, High Efficacy and Easy-to-Design Array
Introduction
Philips Lumileds high uniformity array solution is a new breakthrough in efficacy for arrays. Due to its industry leading
small Light Emitting Surfaces (LES), LUXEON CoB arrays are very easy to work with and will enable easier and less
expensive designs. All LUXEON CoBs are available in 3-Step as well as 5-Step MacAdam Ellipse, ensuring uniform
optical performance in general lighting applications. Next to that, LUXEON CoB LEDs are all hot-tested at 85°C—real
world operating conditions—which means that luminaire design is simplified and testing can be minimized.
This document contains the performance data needed to design and engineer LUXEON CoB based applications.


Similar Part No. - LHC1-3090-1204

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LHC1-3090-1204CRSP LUMILEDS-LHC1-3090-1204CRSP Datasheet
2Mb / 20P
   Retail lighting that makes an impact
More results

Similar Description - LHC1-3090-1204

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com