Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LACL-C4S-0850 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LACL-C4S-0850
Description  Automotive Forward Lighting Source
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LACL-C4S-0850 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LACL-C4S-0850 Datasheet HTML 1Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 2Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 3Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 4Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 5Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 6Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 7Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 8Page - Lumileds Lighting Company LACL-C4S-0850 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LUXEON Altilon Datasheet DS66 20130320
5
Typical Luminance Performance
Typical luminance is calculated based on the total lumens emitted from the smallest rectangle covering the optical source. This method accounts for
variations in chip and phosphor placement as well as spacing between discrete chips. Figure 1 below indicates the orientation used to determine the
source area used for luminance calculations.
For the 1x4 configuration, the typical X and Y dimensions are 4.51 and 1.06 mm, respectively.
For the 1x2 configuration, the typical X and Y dimensions are 2.21 and 1.06 mm, respectively.
Typical Use Condition Matrix—Relative Flux
Normalized to T
c = 25°C, 1000 mA, 20 msec pulses
The graphs on the next page predict the relative flux under various use conditions normalized to the test conditions of 1000 mA pulsed operation
(20 msec pulse) at case temperature of 25°C. These graphs can be used to determine the effects of case temperature and forward current on the
values of minimum and typical flux to define performance at the expected use condition. For example:
Given a flux at T
c
= 25°C and 1000 mA (20 msec pulse) of 700 lm for 1x4 configuration, the flux value under different conditions can be predicted.
If expected use condition is 700 mA at T
c
= 100°C, the relative percentage of flux would be approximately 70% of the reference value.
Hence, the predicted flux at 700 mA and T
c
= 100°C: 700 lm x 0.7 = 490 lm.
Y
Dimension
X Dimension
Figure 1. Area surrounding optical source for luminance measurements.


Similar Part No. - LACL-C4S-0850

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
LAC1-05050520-110110 CARLINGTECH-LAC1-05050520-110110 Datasheet
559Kb / 3P
   LAC1-Series: Telecom AC PDC
logo
Siemens Semiconductor G...
LAC876-PO SIEMENS-LAC876-PO Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LAC9SM OSRAM-LAC9SM Datasheet
276Kb / 15P
   SMD ceramic package with silicon resin
logo
List of Unclassifed Man...
LACC-1128 ETC2-LACC-1128 Datasheet
29Kb / 1P
   Axial Conformal Coated Inductor
logo
Caliber Electronics Inc...
LACC-1128 CALIBER-LACC-1128 Datasheet
30Kb / 1P
   Axial Conformal Coated Inductor
More results

Similar Description - LACL-C4S-0850

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB175 LUMILEDS-PB175 Datasheet
1Mb / 2P
   Automotive forward lighting source
DS175 LUMILEDS-DS175 Datasheet
2Mb / 24P
   Automotive forward lighting source
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
LAB6SP OSRAM-LAB6SP Datasheet
676Kb / 21P
   Exterior Automotive Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
KRDMLN31.23 OSRAM-KRDMLN31.23_18 Datasheet
721Kb / 23P
   Automotive Lighting Exterior
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com