Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXAC-1840 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LXAC-1840
Description  High Voltage LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXAC-1840 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LXAC-1840 Datasheet HTML 1Page - Lumileds Lighting Company LXAC-1840 Datasheet HTML 2Page - Lumileds Lighting Company LXAC-1840 Datasheet HTML 3Page - Lumileds Lighting Company LXAC-1840 Datasheet HTML 4Page - Lumileds Lighting Company LXAC-1840 Datasheet HTML 5Page - Lumileds Lighting Company LXAC-1840 Datasheet HTML 6Page - Lumileds Lighting Company LXAC-1840 Datasheet HTML 7Page - Lumileds Lighting Company LXAC-1840 Datasheet HTML 8Page - Lumileds Lighting Company LXAC-1840 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LUXEONH50-2DatasheetDS11020130716©2013PhilipsLumiledsLightingCompany.
3
Product Selection
Product Selection for LUXEON H50-2
Thermal Pad Temperature = 85°C,Test Current = 40 mA
Table 1.
Nominal
CCT
Part
Number
Minimum
CRI
Minimum
Luminous Flux (lm)
Typical
Luminous Flux (lm)
Typical Efficacy (lm/W)
2700K
LXAC-1827
80
150
165
83
2700K
LXAC-1927
90
110
140
70
3000K
LXAC-1830
80
160
175
88
4000K
LXAC-1840
80
170
200
100
5000K
LXAC-1850
80
175
205
103
6500K
LXAC-1765
70
190
220
110
Note for Table 1:
1. PhilipsLumiledsmaintainsatoleranceof±6.5%onluminousfluxand±2onCRImeasurements.
Optical Characteristics
Optical Characteristics for LUXEON H50-2
Thermal Pad Temperature = 85°C,Test Current = 40 mA
Table 2.
Nominal
CCT
Minimum CRI
Color Temperature CCT
Typ Total Included Angle [1]
(degrees) u
0.90V
Typ Viewing Angle [2]
(degrees) 2u 1/2
Minimum
Typical
Maximum
2700K
80
2580K
2725K
2870K
135
110
2700K
90
2649K
2773K
2850K
135
110
3000K
80
2870K
3045K
3220K
135
110
4000K
80
3598K
4051K
4176K
135
110
5000K
80
4462K
4985K
5181K
135
110
6500K
70
4856K
6322K
7170K
135
110
Notes for Table 2:
1. Totalangleatwhich90%oftotalluminousfluxiscaptured.
2. Viewingangleistheoffaxisanglefromlampcenterlinewheretheluminousintensityis½ofthepeakvalue.


Similar Part No. - LXAC-1840

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA03B600 POWERINT-LXA03B600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LXA03B600 POWERINT-LXA03B600 Datasheet
288Kb / 8P
   600 V, 3 A X-Series PFC Diode
November 2013
LXA03D530 POWERINT-LXA03D530 Datasheet
428Kb / 8P
   530 V, 3 A X-Series Diode
April 2015
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
   600 V, 3 A X-Series PFC Diode
LXA03T600 POWERINT-LXA03T600 Datasheet
288Kb / 8P
   600 V, 3 A X-Series PFC Diode
November 2013
More results

Similar Description - LXAC-1840

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LI2040-HV5-PF LIGITEK-LI2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LY3330-HV12-PF LIGITEK-LY3330-HV12-PF Datasheet
128Kb / 6P
   HIGH VOLTAGE LED LAMPS
LE3330-HV12-PF LIGITEK-LE3330-HV12-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG2040-HV5-PF LIGITEK-LG2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LYG75363-HV5-PF LIGITEK-LYG75363-HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
   High Voltage LED Driver
logo
LIGITEK electronics co....
LI32640-HV12-PF-FD LIGITEK-LI32640-HV12-PF-FD Datasheet
196Kb / 7P
   HIGH VOLTAGE LED LAMPS
logo
IK Semicon Co., Ltd
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
   HIGH-VOLTAGE LED DRIVER
logo
LIGITEK electronics co....
LFI2060-HV48-O-PF LIGITEK-LFI2060-HV48-O-PF Datasheet
98Kb / 6P
   HIGH VOLTAGE LED LAMPS
LSEG75363-HV5-PF LIGITEK-LSEG75363-HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com