Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX18-P135-Y Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LX18-P135-Y
Description  Freedom From Binning
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LX18-P135-Y Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LX18-P135-Y Datasheet HTML 1Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 2Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 3Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 4Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 5Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 6Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 7Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 8Page - Lumileds Lighting Company LX18-P135-Y Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LUXEON Rebel PLUS Datasheet DS107 20140122 ©2014 Philips Lumileds Lighting Company.
2
General Information
Product Nomenclature
LUXEON Rebel PLUS emitters are tested and binned “hot” under conditions comparable to those found in “real-world”
lighting products. The test conditions for LUXEON Rebel PLUS are 350 mA D.C. with junction temperature at 85ºC.
The part number designation for the LUXEON Rebel PLUS emitters is explained as follows:
L X
1 8 - P 1 X X -Y
Where:
8 —
designates minimum CRI performance (value 8 = 80 minimum)
P —
designates radiation pattern (value P for Lambertian)
1 — 80 CRI min designation
XX — designates nominal ANSI CCT (value 27 = 2700K, 30 = 3000K, 35 = 3500K, 40 = 4000K, and 50 = 5000K)
Y — 3 for 3-step and 5-step MacAdam Ellipse
Lumen Maintenance
LUXEON Rebel PLUS products are tested in compliance with LM-80. Please visit www.philipslumileds.com/support/
documentation/lumen-maintenance or contact your local Philips Lumileds Technical Solutions Manager for TM-21
extrapolations or other support.
Environmental Compliance
Philips Lumileds is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON
Rebel PLUS is compliant to the European Union directives on the restriction of hazardous substances in electronic equipment,
namely the RoHS and REACH directives. Philips Lumileds will not intentionally add the following restricted materials to the
LUXEON Rebel PLUS: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE).


Similar Part No. - LX18-P135-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LX18-P135-Y LUMILEDS-LX18-P135-Y Datasheet
1Mb / 2P
   The original high-power LED
More results

Similar Description - LX18-P135-Y

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
logo
List of Unclassifed Man...
LXH8-PW40 ETC1-LXH8-PW40 Datasheet
2Mb / 26P
   Freedom From Binning
logo
OSRAM GmbH
KRDMLS31.23 OSRAM-KRDMLS31.23_16 Datasheet
708Kb / 22P
   Dual Binning
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
OmniVision Technologies...
OV7261 OMNIVISION-OV7261 Datasheet
656Kb / 2P
   supports 2x2 monochrome binning
OV7251 OMNIVISION-OV7251 Datasheet
703Kb / 2P
   supports 2x2 monochrome binning
logo
Seoul Semiconductor
SDW01F1C SEOUL-SDW01F1C Datasheet
851Kb / 27P
   MacAdam 3-step binning
logo
NXP Semiconductors
FRDMCR20AUG NXP-FRDMCR20AUG Datasheet
2Mb / 24P
   Freescale Freedom Development
Rev. 0, 04/2015
logo
Taoglas antenna solutio...
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com