Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C180P Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # C180P
Description  150A PHASE CONTROL SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C180P Datasheet(HTML) 1 Page - Digitron Semiconductors

  C180P Datasheet HTML 1Page - Digitron Semiconductors C180P Datasheet HTML 2Page - Digitron Semiconductors C180P Datasheet HTML 3Page - Digitron Semiconductors C180P Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C180A-C180PC
150A PHASE CONTROL SCR
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Characteristics
Symbol
C180
Units
RMS on-state current
IT(RMS)
235
A
Average on-state current
IT(AV)
150
A
Peak one-cycle surge (non-repetitive) on-state current (60Hz)
ITSM
3500
A
Peak one-cycle surge (non-repetitive) on-state current (50Hz)
ITSM
3200
A
Critical rate of rise of on-state current (non-repetitive)
di/dt
800
A/µs
Critical rate of rise of on-state current (repetitive)
di/dt
150
A/µs
I2t (for fusing), 8.3 ms
I2t
50,800
A2s
Peak gate power dissipation
PGM
10
W
Average gate power dissipation
PG(AV)
2
W
Storage temperature
Tstg
-40 to +150
°C
Operating temperature
TJ
-40 to +125
°C
Mounting torque
250 to 300
In.-lb.
Mounting torque
28 to 34
N-m
VOLTAGE RATINGS
Characteristics
C180A
C180B
C180C
C180D
C180E
C180N
C180S
C180M
C180T
C180P
C180PA
C180PB
C180PC
Working peak
reverse voltage
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
ELECTRICAL AND THERMAL CHARACTERISTICS
Characteristics
Symbol
Test Conditiions
C180
Units
Voltage – Blocking State Maximums
Forward leakage, peak
IDRM
TJ = 125°C, VDRM = Rated
20
mA
Reverse leakage, peak
IRRM
TJ = 125°C, VRRM = Rated
20
mA
Current – Conducting State Maximums
Peak on-state voltage
VTM
TJ = 25°C, ITM = 1500A
2.85
V
Switching
Typical turn-off time
tq
IT = 150A, TJ = 125°C, diR/dt = 12.5A/µsec, reapplied
dv/dt = 20V/µsec, linear to 0.8VDRM, VR = 50V
100
µsec
Typical delay time
td
IT = 100A, VDRM = Rated, gate supply = 10V open ckt,
25Ω, 0.1 µsec rise time
1.0
µsec
Minimum critical dv/dt exponential to VDRM
dv/dt
TJ = 125°C, gate open
200
V/µsec
Thermal
Maximum thermal resistance, junction to case
R
θJC
.14
°C/W
Case to sink, lubricated
R
θCS
0.075
°C/W
Gate – Maximum Parameters
Gate current to trigger
IGT
TC = 25°C, VD = 6Vdc, RL = 3Ω
150
mA
Gate voltage to trigger
VGT
TC = -40 to +125°C, VD = 6Vdc, RL = 3Ω
3.0
V
Non-triggering gate voltage
VGDM
TJ = 125°C, Rated VDRM, RL = 1000Ω
0.15
V
Peak forward gate current
IGTM
10
A
Peak reverse gate voltage
VGRM
5
V
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - C180P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C180P POWEREX-C180P Datasheet
220Kb / 4P
   Phase Control SCR 150 Amperes Avg 100-1300 Volts
C180P POWEREX-C180P Datasheet
854Kb / 4P
   Phase Control SCR 150 Amperes Average 1600 Volts
logo
New Jersey Semi-Conduct...
C180P NJSEMI-C180P Datasheet
121Kb / 2P
   High Power Silicon Controlled Rectifier
logo
Powerex Power Semicondu...
C180PA POWEREX-C180PA Datasheet
220Kb / 4P
   Phase Control SCR 150 Amperes Avg 100-1300 Volts
logo
New Jersey Semi-Conduct...
C180PA NJSEMI-C180PA Datasheet
121Kb / 2P
   High Power Silicon Controlled Rectifier
More results

Similar Description - C180P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com