Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMZ7-SW40 Datasheet(PDF) 15 Page - Lumileds Lighting Company

Part No. LMZ7-SW40
Description  Best combination of brightness, uniformity and luminance enabling precision light control
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUMILEDS [Lumileds Lighting Company]
Homepage  http://www.luxeon.com
Logo 

LMZ7-SW40 Datasheet(HTML) 15 Page - Lumileds Lighting Company

 
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
LUXEON MZ Datasheet DS136 20140218 ©2014 Philips Lumileds Lighting Company.
14
Luminous Flux Bins
Table 7 lists the standard photometric luminous flux bins for LUXEON MZ white emitters (LMZx-SWxx). LMZx-Swxx
units are tested and binned at a drive current of 700 mA and a junction temperature of 85°C. Although several bins
are outlined, product availability in a particular bin varies by production run and by product performance.
Table 7. Luminous Flux Bins for White
Bin Code
Minimum Photometric Flux(lm)
Maximum Photometric Flux(lm)
K
550
590
L
590
630
M
630
680
N
680
730
P
730
780
Q
780
840
R
840
900
S
900
970
T
970
1040
U
1040
1120
V
1120
1200
W
1200
1290


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn