Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L135-40800BHV00001 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # L135-40800BHV00001
Description  High voltage package that reduces system BOM while achieving high efficacy
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L135-40800BHV00001 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button L135-40800BHV00001 Datasheet HTML 2Page - Lumileds Lighting Company L135-40800BHV00001 Datasheet HTML 3Page - Lumileds Lighting Company L135-40800BHV00001 Datasheet HTML 4Page - Lumileds Lighting Company L135-40800BHV00001 Datasheet HTML 5Page - Lumileds Lighting Company L135-40800BHV00001 Datasheet HTML 6Page - Lumileds Lighting Company L135-40800BHV00001 Datasheet HTML 7Page - Lumileds Lighting Company L135-40800BHV00001 Datasheet HTML 8Page - Lumileds Lighting Company L135-40800BHV00001 Datasheet HTML 9Page - Lumileds Lighting Company L135-40800BHV00001 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LUXEON3535HVDatasheetDS20620140305©2014PhilipsLumiledsLightingCompany.
5
Reflow Soldering Characteristics
Table 5. Reflow Profile in Accordance with J-Std-020D
Profile Feature
Lead Free Assembly
Preheat/Soak:
TemperatureMin(Ts
min)
TemperatureMax(Ts
max)
MaximumTime(ts)fromTs
mintoTsmax
150°C
200°C
120seconds
Ramp–upRate(T
LtoTp)
3°C/second
LiquidousTemperature(T
L)
217°C
MaximumTime(t
L)MaintainedTL
150seconds
MaximumPeakPackageBodyTemperature(T
p)
260°C
Time(t
p)within5°Cofthespecifiedtemperature(Tc)
10-30seconds
MaximumRamp-DownRate(T
ptoTL)
6°C/second
MaximumTime25°CtoPeakTemperature
8minutes
Notes for Table 5:
1. AlltemperaturesrefertotheapplicationPrintedCircuitBoard(PCB),measuredonthesurfaceadjacenttothepackagebody.
Figure 1. Temperature profile for Table 5.


Similar Part No. - L135-40800BHV00001

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L135-40800BHV00001 LUMILEDS-L135-40800BHV00001 Datasheet
1Mb / 21P
   High voltage package that reduces system BOM
More results

Similar Description - L135-40800BHV00001

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS206 LUMILEDS-DS206 Datasheet
1Mb / 21P
   High voltage package that reduces system BOM
logo
Seoul Semiconductor
SFW814AHA SEOUL-SFW814AHA Datasheet
952Kb / 23P
   Enabling High Flux system while reduces LED count
logo
Vicor Corporation
BCM48BX040Y200B00 VICOR-BCM48BX040Y200B00 Datasheet
890Kb / 20P
   High efficiency (>94%) reduces system
logo
Seoul Semiconductor
STW9C12B SEOUL-STW9C12B Datasheet
1Mb / 26P
   Achieving the best system cost in Mid/High Power
S2-STW9C2SB SEOUL-S2-STW9C2SB Datasheet
1Mb / 25P
   Achieving the best system cost in Mid/High Power
STW7C2SB SEOUL-STW7C2SB Datasheet
1Mb / 31P
   Achieving the best system cost in Mid/High Power
STW8C2PB SEOUL-STW8C2PB Datasheet
1Mb / 30P
   Achieving the best system cost in Mid/High Power
logo
Lumileds Lighting Compa...
PB174 LUMILEDS-PB174 Datasheet
1Mb / 2P
   High efficacy and lumens in a multi-die, high power package, enabling low system costs
logo
Seoul Semiconductor
STW8C12B SEOUL-STW8C12B Datasheet
1Mb / 31P
   Achieving the best system cost in Mid-High Power
STW7C12C-E0 SEOUL-STW7C12C-E0 Datasheet
1Mb / 32P
   Achieving the best system cost in Mid/High Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com