Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L130-6580001400001 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # L130-6580001400001
Description  Hot color targeted industry standard package for uniformed light
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L130-6580001400001 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button L130-6580001400001 Datasheet HTML 7Page - Lumileds Lighting Company L130-6580001400001 Datasheet HTML 8Page - Lumileds Lighting Company L130-6580001400001 Datasheet HTML 9Page - Lumileds Lighting Company L130-6580001400001 Datasheet HTML 10Page - Lumileds Lighting Company L130-6580001400001 Datasheet HTML 11Page - Lumileds Lighting Company L130-6580001400001 Datasheet HTML 12Page - Lumileds Lighting Company L130-6580001400001 Datasheet HTML 13Page - Lumileds Lighting Company L130-6580001400001 Datasheet HTML 14Page - Lumileds Lighting Company L130-6580001400001 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LUXEON 3014 Datasheet DS208 20140323 ©2014 Philips Lumileds Lighting Company.
10
Typical Light Output Characteristics
Relative Light Output vs. Forward Current
Junction Temperature = 25°C
Figure 7. Typical forward current vs. forward voltage, L130-xx8001400001.


Similar Part No. - L130-6580001400001

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L130-6580001400001 LUMILEDS-L130-6580001400001 Datasheet
4Mb / 25P
   Hot-color targeted industry standard package for uniform light
More results

Similar Description - L130-6580001400001

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS208 LUMILEDS-DS208 Datasheet
3Mb / 25P
   Hot-color targeted industry standard package for uniform light
DS208-L LUMILEDS-DS208-L Datasheet
4Mb / 25P
   Hot-color targeted industry standard package for uniform light
PB208 LUMILEDS-PB208 Datasheet
1Mb / 2P
   Hot-color targeted industry standard package for uniform light
PB207 LUMILEDS-PB207 Datasheet
1Mb / 2P
   High flux, hot-color targeted 6V package
DS207 LUMILEDS-DS207 Datasheet
2Mb / 21P
   High flux, hot-color targeted 6V package
L130-2780003000W21 LUMILEDS-L130-2780003000W21 Datasheet
1Mb / 23P
   Hot color targeted 6V QFN package delivering high flux
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com