Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ID203 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # ID203
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

ID203 Datasheet(HTML) 1 Page - Digitron Semiconductors

  ID203 Datasheet HTML 1Page - Digitron Semiconductors ID203 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
ID200-ID203
SILICON CONTROLLED RECTIFIER
ID300-ID301
1.6 AMP
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Ratings
Symbol
ID200
ID201
ID202
ID203
ID300
ID301
Unit
Repetitive peak off-state voltage
VDRM
50
100
150
200
300
400
V
Repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
V
Non-repetitive peak reverse voltage (<5ms)
VRSM
75
150
225
300
400
500
V
On-state current
70°C case
75°C ambient
IT(RMS)
1.6
450
A
mA
Peak one cycle surge (non-repetitive) on
state current
ITSM
15
A
Repetitive peak on state current
ITRM
Up to 30
A
Rate of rise of on state current
di/dt
100
A/µs
I2t (for times > 1.5ms)
0.83
A2s
Peak gate current
IGM
250
mA
Average gate current
IG(AV)
25
mA
Reverse gate voltage
VGR
6
V
Storage temperature range
Tstg
-65 to 150
°C
Operating temperature range
TJ
-40 to 110
°C
ELECTRICAL CHARACTERISTICS (@ 25°C unless otherwise noted)
Test
Symbol
Min.
Typ.
Max.
Units
Test Conditions
-
-
10
µA
VDRM = rating, RGK = 1KΩ, T = 25°C
Off-state current
IDRM
-
5
100
µA
VDRM = rating, RGK = 1KΩ,
T = 110°C
-
-
10
µA
VRRM = rating, RGK = 1KΩ, T = 25°C
Reverse current
IRRM
-
10
100
µA
VRRM = rating, RGK = 1KΩ,
T = 110°C
-
-
200
µA
VD = 5V, RGS = 10KΩ, T = 25°C
Gate trigger current
IGT
-
-
500
µA
VD = 5V, RGS = 10KΩ, T = -40°C
0.4
0.52
0.8
V
VD = 5V, RGS = 100Ω, T = 25°C
0.5
0.7
1.0
V
VD = 5V, RGS = 100Ω, T = -40°C
On-state voltage
VGT
0.2
-
-
V
VD = 5V, RGS = 100Ω, T = 110°C
Peak on-voltage
VTM
-
-
2.2
V
IT = 4Amp pulse, T = 25°C
0.3
0.7
3.0
mA
RGK = 1KΩ, T = 25°C
0.4
-
6.0
mA
RGK = 1KΩ, T = -40°C
Holding current
IH
0.2
-
-
mA
RGK = 1KΩ, T = 110°C
Off-state voltage - critical rate of rise
dv/dt
-
20
-
V/µS
VDRM = Rated, RGK = 1KΩ, T = 110°C
Turn on time
ton
-
1.0
-
µs
IG = 10mA, IT = 1A, VD = 30V, T = 25°C
Circuit commutated turn off time
tq
-
-
40
µs
IT = IR = 1A, RGK = 1KΩ, T = 25°C
Blocking voltage ratings apply over the full operating temperature range, provided the gate is connected to the cathode through a resistor, 1000 ohms or smaller, or other adequate bias is used.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - ID203

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ID203 MICROSEMI-ID203 Datasheet
73Kb / 2P
   SCRs 1.6 Amp, Planear
More results

Similar Description - ID203

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com