Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L130-5080001400001 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # L130-5080001400001
Description  Hot color targeted industry standard package for uniformed light
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L130-5080001400001 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button L130-5080001400001 Datasheet HTML 4Page - Lumileds Lighting Company L130-5080001400001 Datasheet HTML 5Page - Lumileds Lighting Company L130-5080001400001 Datasheet HTML 6Page - Lumileds Lighting Company L130-5080001400001 Datasheet HTML 7Page - Lumileds Lighting Company L130-5080001400001 Datasheet HTML 8Page - Lumileds Lighting Company L130-5080001400001 Datasheet HTML 9Page - Lumileds Lighting Company L130-5080001400001 Datasheet HTML 10Page - Lumileds Lighting Company L130-5080001400001 Datasheet HTML 11Page - Lumileds Lighting Company L130-5080001400001 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LUXEON 3014 Datasheet DS208 20140323 ©2014 Philips Lumileds Lighting Company.
7
Solder Pad Design
Notes for Figure 3:
1. The drawing above shows the recommend solder pad layout on the Printed Circuit Board (PCB).
2. Application Brief AB203 provides details for this layout. In addition, the .drawing files are available at
www.philipslumileds.com and www.philipslumileds.cn.com.
Package Information
Table 6. Package Information for L130-xx800014-00001
Material/Component
Specification
Lead Frame Base
Package Body
Encapsulate
Weight
Copper Alloy
High Temperature Thermal Plastic
Silicone Resin, with Phosphor
0.08gram
Figure 3.


Similar Part No. - L130-5080001400001

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L130-5080001400001 LUMILEDS-L130-5080001400001 Datasheet
4Mb / 25P
   Hot-color targeted industry standard package for uniform light
More results

Similar Description - L130-5080001400001

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS208 LUMILEDS-DS208 Datasheet
3Mb / 25P
   Hot-color targeted industry standard package for uniform light
DS208-L LUMILEDS-DS208-L Datasheet
4Mb / 25P
   Hot-color targeted industry standard package for uniform light
PB208 LUMILEDS-PB208 Datasheet
1Mb / 2P
   Hot-color targeted industry standard package for uniform light
PB207 LUMILEDS-PB207 Datasheet
1Mb / 2P
   High flux, hot-color targeted 6V package
DS207 LUMILEDS-DS207 Datasheet
2Mb / 21P
   High flux, hot-color targeted 6V package
L130-2780003000W21 LUMILEDS-L130-2780003000W21 Datasheet
1Mb / 23P
   Hot color targeted 6V QFN package delivering high flux
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com