Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L130-3080002011001 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # L130-3080002011001
Description  Hot targeted leading lm/$ QFN with superior lumen maintenance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L130-3080002011001 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button L130-3080002011001 Datasheet HTML 6Page - Lumileds Lighting Company L130-3080002011001 Datasheet HTML 7Page - Lumileds Lighting Company L130-3080002011001 Datasheet HTML 8Page - Lumileds Lighting Company L130-3080002011001 Datasheet HTML 9Page - Lumileds Lighting Company L130-3080002011001 Datasheet HTML 10Page - Lumileds Lighting Company L130-3080002011001 Datasheet HTML 11Page - Lumileds Lighting Company L130-3080002011001 Datasheet HTML 12Page - Lumileds Lighting Company L130-3080002011001 Datasheet HTML 13Page - Lumileds Lighting Company L130-3080002011001 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LUXEON3020DatasheetDS20920140320©2014PhilipsLumiledsLightingCompany.
9
Typical Forward Current Characteristics
ForwardCurrentvs.ForwardVoltageforL130-xx80002011001
JunctionTemperature=25°C
Figure 6. Typical forward current vs. forward voltage, L135-xx80-0BHV-00001.


Similar Part No. - L130-3080002011001

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L130-3080002011001 LUMILEDS-L130-3080002011001 Datasheet
1Mb / 2P
   Industry?셲 most compact, highest drive current 3V mid power LED
L130-3080002011001 LUMILEDS-L130-3080002011001 Datasheet
3Mb / 20P
   Industry?셲 most compact, highest drive current 3V mid power LED
More results

Similar Description - L130-3080002011001

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS217 LUMILEDS-DS217 Datasheet
3Mb / 18P
   Superior lumen maintenance and corrosion resistance in punishing conditions
PB217 LUMILEDS-PB217 Datasheet
1Mb / 2P
   Superior lumen maintenance and corrosion resistance in punishing conditions
L130-2780003000W21 LUMILEDS-L130-2780003000W21 Datasheet
1Mb / 23P
   Hot color targeted 6V QFN package delivering high flux
logo
Seoul Semiconductor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WX-XX SEOUL-SZ5-M2-WX-XX Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-00 SEOUL-SZ5-M2-W0-00_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com