Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA8868S Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UA8868S
Description  5-CHANNEL BTL DRIVER FOR DVD PLAYER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA8868S Datasheet(HTML) 1 Page - Unisonic Technologies

  UA8868S Datasheet HTML 1Page - Unisonic Technologies UA8868S Datasheet HTML 2Page - Unisonic Technologies UA8868S Datasheet HTML 3Page - Unisonic Technologies UA8868S Datasheet HTML 4Page - Unisonic Technologies UA8868S Datasheet HTML 5Page - Unisonic Technologies UA8868S Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UTCUA8868S
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com.tw
QW-R109-021,B
5-CHANNEL BTL DRIVER FOR DVD PLAYER
DESCRIPTION
The UTC UA8868S is a five-channel BTL driver IC for
driving the
motors and actuators such as used in DVD player and
CD-ROM.
FEATURES
* Built-in 5 channel drivers:
Dual actuator drivers
Sled motor driver
Spindle driver
Tray in-out driver
* Built-in Two independent comparators
* Thermal shut down and Mute circuit.
HSOP-28
*Pb-free plating product number: UA8868SL
BLOCK DIAGRAM
28
27
26
25
24
23
22
21
20
19
18
17
16
15
MUTE and
Thermal
Shut down
Actuator
Driver (4x)
Sled
Driver
+ -
60K
225K
-
+
GND
PGND
60K
90K
+
-
Vcc2
Spindle
Driver
Actuator
Driver (4x)
Vcc2
Vcc2
Vcc1
+
-
60K
150K
Pre-DRV
TRAY
DRIVER
Vcc1
PGND
-
+
60K
225K
+
-
14
13
12
11
10
9
8
7
6
5
4
3
2
1


Similar Part No. - UA8868S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results

Similar Description - UA8868S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
logo
Unisonic Technologies
UA8868 UTC-UA8868_15 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8888S UTC-UA8888S Datasheet
143Kb / 8P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5766 AMTEK-AM5766 Datasheet
121Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.6
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com