Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTX2-1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CTX2-1
Description  Power Inductors and Transformers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX2-1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CTX2-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX2-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX2-1 Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX2-1 Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX2-1 Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX2-1 Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX2-1 Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX2-1 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
• Surface mount magnetics that can be used as single or
coupled inductors or 1:1 transformers that provide isolation
between two windings
• OCTA-PAC’s are designed around high frequency, low loss
material
• ECONO-PAC’s are a lower cost version of OCTA-PAC’s
offering high saturation flux density
• OCTA-PAC PLUS’s offer higher current ratings and higher
saturation flux densities than OCTA-PAC and ECONO-PAC
• Secure 4 Terminal Mounting
• Inductor more versatile inductance combination by series
or parallel connections
Applications
• Computer and portable power devices
• LCD panels, DVD players
• Inductor: DC-DC converters
• Buck, boost, forward, and resonant converters
• Noise filtering and filter chokes
• Transformers: 1:1 300Vdc isolation, flyback, sepic
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +85°C
(range is application specific).
• Infrared reflow temperature: +240°C for 30 seconds
maximum
Packaging
• Supplied in tape and reel packaging, 1100 (EP01, OPA1,
and OP01), 800 (EP02, OP02, OPA2, EP03, OPA3, and
OP03), and 600 (EP04, OPA4, and OP04) per reel
Legend
• No suffix is OCTA-PAC®
• P suffix is ECONO-PAC™
• A suffix is OCTA-PAC® PLUS
®
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers
Open Circuit
Full Load
Full Load
DC
Open Circuit
Full Load
Full Load
DC
Part
Inductance
Inductance
Current
Resistance
Inductance
Inductance
Current
Resistance
Number
µH +/-20%
µH min.
Adc
ohms max.
µH +/-20%
µH min.
Adc
ohms max.
CTX0.47-1P
.42
.31
5.50
.005
1.67
1.25
2.75
.021
CTX0.68-1P
.60
.43
5.10
.006
2.40
1.74
2.55
.025
CTX1-1P
1.07
.73
4.50
.008
4.28
2.92
2.25
.032
CTX2-1P
2.02
1.36
3.40
.013
8.08
5.44
1.70
.054
CTX5-1P
4.83
3.37
2.00
.040
19.31
13.47
1.00
.161
CTX8-1P
8.08
5.31
1.80
.052
32.33
21.23
.90
.207
CTX10-1P
9.62
6.23
1.70
.057
38.48
24.94
.85
.227
CTX15-1P
15.03
9.62
1.40
.087
60.12
38.47
.70
.348
CTX20-1P
20.46
14.12
1.00
.158
81.83
56.47
.50
.634
CTX25-1P
25.40
17.07
.96
.177
101.60
68.29
.48
.708
CTX33-1P
32.33
22.27
.80
.250
129.32
89.06
.40
1.001
CTX50-1P
50.52
33.57
.70
.316
202.07
134.27
.35
1.263
CTX68-1P
68.40
43.65
.66
.373
273.61
174.61
.33
1.490
CTX100-1P
99.01
63.64
.54
.557
396.06
254.55
.27
2.227
CTX150-1P
150.72
96.64
.44
.844
602.87
386.56
.22
3.376
CTX200-1P
198.41
130.79
.36
1.208
793.65
523.16
.18
4.831
CTX300-1P
299.87
190.05
.32
1.525
1199.46
760.19
.16
6.100
CTX0.47-2P
.54
.42
5.90
.006
2.18
1.69
2.95
.024
CTX0.68-2P
.85
.64
5.40
.007
3.40
2.55
2.70
.029
CTX1-2P
1.22
.89
5.00
.008
4.90
3.57
2.50
.033
CTX2-2P
2.18
1.56
3.90
.014
8.70
6.26
1.95
.055
CTX5-2P
4.90
3.57
2.50
.032
19.58
14.26
1.25
.128
CTX8-2P
7.65
5.31
2.30
.040
30.60
21.23
1.15
.158
CTX10-2P
9.83
6.73
2.10
.045
39.30
26.92
1.05
.179
CTX15-2P
14.99
10.51
1.60
.085
59.98
42.02
.80
.339
CTX20-2P
19.58
13.37
1.50
.097
78.34
53.48
.75
.387
CTX25-2P
24.79
16.60
1.40
.109
99.14
66.38
.70
.436
CTX33-2P
32.67
21.29
1.30
.126
130.70
85.17
.65
.503
CTX50-2P
49.10
35.31
.82
.305
196.38
141.24
.41
1.221
CTX68-2P
68.85
47.93
.76
.362
275.40
191.71
.38
1.445
CTX100-2P
99.14
69.56
.62
.541
396.58
278.22
.31
2.162
CTX150-2P
148.10
100.07
.56
.665
592.42
400.27
.28
2.660
CTX200-2P
201.59
138.49
.46
.951
806.34
553.97
.23
3.804
CTX300-2P
300.42
197.52
.42
1.176
1201.70
790.08
.21
4.703
PARALLEL
SERIES


Similar Part No. - CTX2-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX2-1-R COOPER-CTX2-1-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
logo
Eaton All Rights Reserv...
CTX2-1-R EATON-CTX2-1-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
CTX2-1A-R EATON-CTX2-1A-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
logo
Cooper Bussmann, Inc.
CTX2-1P-R COOPER-CTX2-1P-R Datasheet
567Kb / 8P
   Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings
logo
Eaton All Rights Reserv...
CTX2-1P-R EATON-CTX2-1P-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
More results

Similar Description - CTX2-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
List of Unclassifed Man...
ABL6TS25G ETC2-ABL6TS25G Datasheet
44Kb / 1P
   Power supplies and transformers
SG-890A ETC2-SG-890A Datasheet
765Kb / 12P
   SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
logo
Vishay Siliconix
LPE6562 VISHAY-LPE6562 Datasheet
118Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE4841 VISHAY-LPE4841 Datasheet
116Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE3325 VISHAY-LPE3325 Datasheet
101Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com