Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM1 Datasheet(PDF) 1 Page - Sanken electric

Part # RM1
Description  Silicon Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RM1 Datasheet(HTML) 1 Page - Sanken electric

  RM1 Datasheet HTML 1Page - Sanken electric RM1 Datasheet HTML 2Page - Sanken electric RM1 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SANKEN ELECTRIC CO., LTD.
RM1
040826
1/3
61426-01
1 Scope
The present specifications shall apply to an RM1.
2 Outline
Type
Silicon Diode
(Mesa Type)
Structure
Resin Molded
Flammability : UL94V-0(Equivalent)
Applications
Commercial Frequency Rectification
3 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
400
2
Peak Reverse Voltage
VRM
V
400
3
Average Forward Current
IF(AV)
A
1.0
Refer to derating curve
in Section 6
4
Peak Surge Forward Current
IFSM
A
50
10ms.
Half sine wave, one shot
5
I
2t Limiting Value
I
2t
A
2s
12.5
1ms≦t≦10ms
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
4 Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
0.95 max.
IF=1.0A
2
Reverse Leakage Current
IR
µA
5 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
µA
50 max.
VR=VRM, Tj=100°C
4
Thermal Resistance
Rth(j-l)
°C/W
15 max.
Between Junction and Lead


Similar Part No. - RM1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM1 SANKEN-RM1 Datasheet
20Kb / 1P
   Rectifier Diodes
logo
Mitsubishi Electric Sem...
RM10 MITSUBISHI-RM10 Datasheet
28Kb / 2P
   Three-Phase Diode Bridge Modules
logo
Sanken electric
RM10 SANKEN-RM10 Datasheet
20Kb / 1P
   Rectifier Diodes
logo
EIC discrete Semiconduc...
RM10 EIC-RM10 Datasheet
39Kb / 2P
   SILICON RECTIFIER DIODES
RM10 EIC-RM10 Datasheet
48Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - RM1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com