Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSE5-100301 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSE5-100301
Description  Current Sense Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSE5-100301 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSE5-100301 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSE5-100301 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
T echnical Notes
1. Turns ratio: Primary to sense 1:500
2. Suggested burden resistor: 60 ohms.
3. Typical ouput: 110 mV / Amp.
:: Outline Dimensions
:: CSE187L Description
Designed to monitor current in low frequency
applications. This Triad part may be used to
monitor current from .1 to 30 ampheres at
frequencies from 50 Hz to 400 Hz.
Current Sense Transformers
L o w F r equenc y
:: CST S e ries Description
Triad current sense transformers are used to detect the current passing through
a conductor. These transformers are very reliable and operate effectively between
50-60 Hz. They are constructed of UL rated 130ºC materials.
:: Outline Dimensions
4. Primary DCR: 250 μOhms maximum.
5. Sense DCR: 21 ohms maximum.
6. Constructed with UL recognized materials
(Class B, 130ºC).
7. Hi-pot: 2,500 volts wdg-wdg.
8. Potted version available with a
dielectric strength of 4,000 volts
wdg-wdg.
CSE187L P e r f ormanc e Gr aph
0.1
0.5
1
2
5
7
10
15
20
30
100%
90%
80%
70%
60%
Primary Current - AC Amps
400 Hz
60 Hz
50 Hz
T echnical Notes
1. Pin length: 5 ±1mm
2. Pin diameter: 0.8 ±0.1mm
3. Pin 3 normally for mechanical
support only
Class B
UL F ile: E205349
CST-1005
5
1000:1
100
0.0025
40.00
0.0958
0.4490
1.3694
1.8402
20.0
23.50
24.80
12.00
15.00
7.50
8.50
CST-1010
10
1000:1
100
0.0100
40.00
0.0969
0.4565
0.9686
1.1912
20.0
23.50
24.80
12.00
15.00
7.50
8.50
CST-1015
15
1000:1
100
0.0230
40.00
0.0971
0.4429
0.7508
0.9439
20.0
23.50
24.80
12.00
15.00
7.50
8.50
CST-1020
20
1000:1
100
0.0400
40.00
0.0977
0.3943
0.6174
0.7662
20.0
23.50
24.80
12.00
12.00
7.50
8.50
CST-1025
25
1000:1
100
0.0630
46.00
0.0976
0.4364
0.7496
0.9664
30.0
30.20
30.20
14.30
20.32
10.16
11.40
CST-1030
30
1000:1
100
0.0900
46.00
0.0977
0.4160
0.6710
0.8750
30.0
30.20
30.20
14.30
20.32
10.16
11.40
Ip
Amps
Part No.
Turns
Ratio
Ohms
Terminating
Resistor
Watt
DCR
(Ohms)
Nominal
Volts/Amp @ rated Lp for
various loads
100
500
2K
5K
Net
Weight
(grams)
REF
Case Dimensions – mm
ABC
D
E
F
Ip: Primary Current
:: Specifica tions


Similar Part No. - CSE5-100301

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CSE5-100301 TRIAD-CSE5-100301 Datasheet
107Kb / 1P
   SMD Current Sense Transformer
More results

Similar Description - CSE5-100301

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
   Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
   Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1025 TRIAD-CST-1025 Datasheet
86Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST4835 COILCRAFT-CST4835 Datasheet
273Kb / 2P
   Current Sense Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com