Electronic Components Datasheet Search |
|
RG10A Datasheet(PDF) 1 Page - Sanken electric |
|
RG10A Datasheet(HTML) 1 Page - Sanken electric |
1 / 4 page SANKEN ELECTRIC CO., LTD. RG10A 030401 1/4 61426-01 1 Scope The present specifications shall apply to an RG10A. 2 Outline Type Silicon Diode Structure Resin Molded Applications High Frequency Rectification 3 Flammability UL94V-0(Equivalent) 4 Absolute maximum ratings No. Item Symbol Unit Rating Conditions 1 Transient Peak Reverse Voltage VRSM V 600 2 Peak Reverse Voltage VRM V 600 3 Average Forward Current IF(AV) A 1.0 Refer to derating curve in Section 7 4 Peak Surge Forward Current IFSM A 50 10ms. Half sine wave, one shot 5 I 2t Limiting Value I 2t A 2s 12.5 1ms≦t≦10ms 6 Junction Temperature Tj °C -40 to +150 7 Storage Temperature Tstg °C -40 to +150 5 Electrical characteristics (Ta=25°C, unless otherwise specified) No. Item Symbol Unit Rating Conditions 1 Forward Voltage Drop VF V 2.0 max. IF=1.0A 2 Reverse Leakage Current IR µA 500 max. VR=VRM 3 Reverse Leakage Current Under High Temperature H・IR mA 1.0 max. VR=VRM, Tj=150°C 4 Reverse Recovery Time trr1 ns 100 max. IF=IRP=100mA 90% Recovery point, Tj=25°C trr2 ns 50 max. IF=100mA,IRP=200mA 75% Recovery point ,Tj=25°C 5 Thermal Resistance Rth(j-c) °C/W 15 max. Between Junction and Lead |
Similar Part No. - RG10A |
|
Similar Description - RG10A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |