Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA555G-D08-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SA555G-D08-T
Description  PRECISION TIMERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SA555G-D08-T Datasheet(HTML) 1 Page - Unisonic Technologies

  SA555G-D08-T Datasheet HTML 1Page - Unisonic Technologies SA555G-D08-T Datasheet HTML 2Page - Unisonic Technologies SA555G-D08-T Datasheet HTML 3Page - Unisonic Technologies SA555G-D08-T Datasheet HTML 4Page - Unisonic Technologies SA555G-D08-T Datasheet HTML 5Page - Unisonic Technologies SA555G-D08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SA555
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R106-005.a
PRECISION TIMERS
DESCRIPTION
The UTC SA555 monolithic timing circuit is a highly stable
controller capable of producing accurate time delays or
oscillation. In the time-delay or monostable mode of operation,
the timed interval is controlled by a single external resistor and
capacitor network.
In the astable mode of operation, the frequency and duty cycle
can be controlled independently with two external resistors and a
single external capacitor.
The threshold and trigger levels normally are two-thirds and
one-third, respectively, of VCC. These levels can be altered by use
of the control-voltage terminal. When the trigger input falls below
the trigger level, the flip-flop is set, and the output goes high. If
the trigger input is above the trigger level and the threshold input
is above the threshold level, the flip-flop is reset and the output is
low. The reset (RESET) input can override all other inputs and
can be used to initiate a new timing cycle. When RESET goes
low, the flip-flop is reset, and the output goes low. When the
output is low, a low-impedance path is provided between
discharge (DISCH) and ground.
The circuit may be triggered and reset on falling waveforms,
and the output structure can source or sink up to 200mA.
Operation is specified for supplies of 5V~15V.
FEATURES
* Astable or monostable operation
* Low turn off time
* Operates in both astable and monostable modes
* Timing from microseconds to hours
* Adjustable duty cycle
* TTL-compatible output can sink or source up to 200Ma
SOP-8
DIP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
SA555L-S08-R
SA555G-S08-R
SOP-8
Tape Reel
SA555L-S08-T
SA555G-S08-T
SOP-8
Tube
SA555L-D08-T
SA555G-D08-T
DIP-8
Tube
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - SA555G-D08-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA555 PHILIPS-SA555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Texas Instruments
SA555 TI1-SA555 Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
logo
Fairchild Semiconductor
SA555 FAIRCHILD-SA555 Datasheet
150Kb / 14P
   Single Timer
logo
Diodes Incorporated
SA555 DIODES-SA555 Datasheet
729Kb / 14P
   Timing from microseconds to hours
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
More results

Similar Description - SA555G-D08-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
NA555 TI-NA555_07 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com