Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4734 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # 1N4734
Description  1W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4734 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  1N4734 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4734 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N4734 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CE
1N4728 THRU 1N4764
CHENYI ELECTRONICS
1W SILICON PLANAR ZENER DIODES
1N4728…1N4764 SILICON PLANAR ZENER DIODES
Nominal
Test
Surge
Maximum
Zener
Current
current
regulator
Type
Voltage 3)
Current 2)
at
at
at
at
TA=0.25
IZT
IZT
ZZK
IZK
at
VR
IR
IZM
VZ
V
IZT mA
ZZT
mA
IR A
V
mA
mA
1N4728
3.3
76
10
1.0
1380
276
1N4729
3.6
69
10
1.0
1260
252
1N4730
3.9
64
9
50
1.0
1190
234
1N4731
4.3
58
9
1.0
1070
217
1N4732
4.7
53
8
500
1.0
970
193
1N4733
5.1
49
7
550
1.0
890
178
1N4734
5.6
45
5
600
2.0
810
162
1N4735
6.2
41
2
3.0
730
146
1N4736
6.8
37
3.5
4.0
660
133
1N4737
7.5
34
4.0
5.0
605
121
1N4738
8.2
31
4.5
6.0
550
110
1N4739
9.1
28
5.0
7.0
500
100
1N4740
10
25
7
7.6
454
91
1N4741
11
23
8
8.4
414
83
1N4742
12
21
9
9.1
380
76
1N4743
13
19
10
9.9
344
69
1N4744
15
17
14
11.4
304
61
1N4745
16
15.5
16
12.2
285
57
1N4746
18
14
20
13.7
250
50
1N4747
20
12.5
22
15.2
225
45
1N4748
22
11.5
23
16.7
205
41
1N4749
24
10.5
25
18.2
190
38
1N4750
27
9.5
35
20.6
170
34
1N4751
30
8.5
40
22.8
150
30
1N4752
33
7.5
45
25.1
135
27
1N4753
36
7.0
50
27.4
125
25
1N4754
39
6.5
60
29.7
115
23
1N4755
43
6.0
70
32.7
110
22
1N4756
47
5.5
80
35.8
95
19
1N4757
51
5.0
95
38.8
90
18
1N4758
56
4.5
110
42.6
80
16
1N4759
62
4.0
125
47.1
70
14
1N4760
68
3.7
150
51.7
65
13
1N4761
75
3.3
175
56.0
60
12
1N4762
82
3.0
200
62.2
55
11
1N4763
91
2.8
250
69.2
50
10
1N4764
100
2.5
350
76.0
45
9
Notes:1) The Zener impedance is derived from the 1KHz AC voltage which results when an AC current having an RMS calue equal to 10% of the Zener
current(IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
2)Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature
3)Measured under thermal equilibriun and DC test conditions.
100
10
5
Maximum Zener Impedance 1)
Maximum
reverse leakage current
1500
2000
3000
1.0
5.0
0.25
400
700
750
1000
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 3


Similar Part No. - 1N4734

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4734 SURGE-1N4734 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4734 SSC-1N4734 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4734 DGNJDZ-1N4734 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4734 SEMTECH-1N4734 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4734 DIOTECH-1N4734 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Similar Description - 1N4734

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N4727 JINGHENG-1N4727 Datasheet
125Kb / 4P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com