Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPF0805 Datasheet(PDF) 4 Page - Tyco Electronics

Part # CPF0805
Description  Type CPF Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CPF0805 Datasheet(HTML) 4 Page - Tyco Electronics

  CPF0805 Datasheet HTML 1Page - Tyco Electronics CPF0805 Datasheet HTML 2Page - Tyco Electronics CPF0805 Datasheet HTML 3Page - Tyco Electronics CPF0805 Datasheet HTML 4Page - Tyco Electronics CPF0805 Datasheet HTML 5Page - Tyco Electronics CPF0805 Datasheet HTML 6Page - Tyco Electronics CPF0805 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Dimensions
Part Number
LW
H
a
b
Weight (g)
1000 pieces
CPF0201
0.58 ±0.05
0.29 ±0.05
0.23 ±0.05
0.12 ±0.05
0.15 ±0.05
0.14
CPF0402
1.00 ±0.05
0.50 ±0.05
0.30 ±0.05
0.20 ±0.10
0.20 ±0.10
0.54
CPF0603
1.55 ±0.10
0.80 ±0.10
0.45 ±0.10
0.30 ±0.20
0.30 ±0.20
1.83
CPF0805
2.00 ±0.15
1.25 ±0.15
0.55 ±0.10
0.30 ±0.20
0.40 ±0.25
4.71
CPF1206
3.05 ±0.15
1.55 ±0.15
0.55 ±0.10
0.42 ±0.20
0.35 ±0.25
9.02
CPF1210
3.10 ±0.15
2.40 ±0.15
0.55 ±0.10
0.40 ±0.20
0.55 ±0.25
10.00
CPF2010
4.90 ±0.15
2.40 ±0.15
0.55 ±0.10
0.60 ±0.30
0.50 ±0.25
23.61
CPF2512
6.30 ±0.15
3.10 ±0.15
0.55 ±0.10
0.60 ±0.30
0.50 ±0.25
38.08
L
a
W
t
b
1. Alumina Substrate
2. Bottom Electrode (Ag)
3. Top Electrode (Ag-Pd)
4. Edge Electrode (NiCr)
5. Barrier Layer (Ni)
6. External Electrode (Sn)
7. Resistor Layer (NiCr)
8. Overcoat (Epoxy)
9. Marking
-55
-40
-20
0
20
40
60 70 80
100
120
140 155
100
80
60
40
20
0
Ambient Temperature (°C)
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance with this curve.
Power Derating Curve
Recommend Land Pattern
Type
AB
C
CPF0201
0.25
0.3
0.40 ±0.2
CPF0402
0.5
0.5
0.60 ±0.2
CPF0603
0.8
1.0
0.90 ±0.2
CPF0805
1.0
1.0
1.35 ±0.2
CPF1206
2.0
1.15
1.70 ±0.2
CPF1210
2.0
1.15
2.50 ±0.2
CPF2010
3.6
1.4
2.50 ±0.2
CPF2512
4.9
1.6
3.10 ±0.2
Thin Film Precision Resistors
Type CPF Series
1773200 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - CPF0805

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CPF0805 MACOM-CPF0805 Datasheet
2Mb / 6P
   Thin Film Precision Resistors
logo
TE Connectivity Ltd
CPF0805B100RC TEC-CPF0805B100RC Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0805B100RC1 TEC-CPF0805B100RC1 Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0805B100RD TEC-CPF0805B100RD Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0805B100RD1 TEC-CPF0805B100RD1 Datasheet
300Kb / 9P
   Thin Film Precision Resistors
More results

Similar Description - CPF0805

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CPF0603B10KE1 MACOM-CPF0603B10KE1 Datasheet
2Mb / 7P
   Type CPF Series
7-1879215-7 MACOM-7-1879215-7 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 0402
1614972 MACOM-1614972 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 1206
1879224 MACOM-1879224 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 0603
1879226 MACOM-1879226 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 1206
1879222 MACOM-1879222 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 0603
1879223 MACOM-1879223 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 0603
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
   SCREW TYPE SERIES
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
   Type HB Series
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com