Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPF0805 Datasheet(PDF) 3 Page - Tyco Electronics

Part # CPF0805
Description  Type CPF Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CPF0805 Datasheet(HTML) 3 Page - Tyco Electronics

  CPF0805 Datasheet HTML 1Page - Tyco Electronics CPF0805 Datasheet HTML 2Page - Tyco Electronics CPF0805 Datasheet HTML 3Page - Tyco Electronics CPF0805 Datasheet HTML 4Page - Tyco Electronics CPF0805 Datasheet HTML 5Page - Tyco Electronics CPF0805 Datasheet HTML 6Page - Tyco Electronics CPF0805 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Marking Codes - Case Sizes 0805 to 2512
Resistance:
100Ω
2.2KΩ
10KΩ
49.9KΩ
100KΩ
Marking Code:
1000
2201
1002
4992
1003
IEC 4 Digit Marking
Case Sizes 0603
E24
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
E24 3 Digit Marking - Example: 101=100
Ω 102=1KΩ
Code
E96
Code
E96
Code
E96
Code
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Code
AB
C
D
E
F
G
H
X
Y
Z
Multiplier
100
101
102
103
104
105
106
107
10-1
10-2
10-3
0603 E96 Marking Code Table
E96 3 Digit Marking - Examples: 14C=13K7
Ω,13C=13K3Ω,68B=4K99Ω,68X=49.9Ω
Thin Film Precision Resistors
Type CPF Series
1773200 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
14C


Similar Part No. - CPF0805

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CPF0805 MACOM-CPF0805 Datasheet
2Mb / 6P
   Thin Film Precision Resistors
logo
TE Connectivity Ltd
CPF0805B100RC TEC-CPF0805B100RC Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0805B100RC1 TEC-CPF0805B100RC1 Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0805B100RD TEC-CPF0805B100RD Datasheet
300Kb / 9P
   Thin Film Precision Resistors
CPF0805B100RD1 TEC-CPF0805B100RD1 Datasheet
300Kb / 9P
   Thin Film Precision Resistors
More results

Similar Description - CPF0805

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CPF0603B10KE1 MACOM-CPF0603B10KE1 Datasheet
2Mb / 7P
   Type CPF Series
7-1879215-7 MACOM-7-1879215-7 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 0402
1614972 MACOM-1614972 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 1206
1879224 MACOM-1879224 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 0603
1879226 MACOM-1879226 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 1206
1879222 MACOM-1879222 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 0603
1879223 MACOM-1879223 Datasheet
68Kb / 1P
   THIN FILM PRECISION CHIP RESISTORS SERIES CPF 0603
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
   SCREW TYPE SERIES
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
   Type HB Series
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com