Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY64AYST Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY64AYST
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64AYST Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY64AYST Datasheet HTML 1Page - Vishay Siliconix CNY64AYST Datasheet HTML 2Page - Vishay Siliconix CNY64AYST Datasheet HTML 3Page - Vishay Siliconix CNY64AYST Datasheet HTML 4Page - Vishay Siliconix CNY64AYST Datasheet HTML 5Page - Vishay Siliconix CNY64AYST Datasheet HTML 6Page - Vishay Siliconix CNY64AYST Datasheet HTML 7Page - Vishay Siliconix CNY64AYST Datasheet HTML 8Page - Vishay Siliconix CNY64AYST Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CNY64AYST, CNY64ABST, CNY64AGRST, CNY65AYST, CNY65ABST, CNY65AGRST
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 20-Sep-11
5
Document Number: 82387
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 6 - Total Power Dissipation vs. Ambient Temperature
Fig. 7 - Forward Current vs. Forward Voltage
Fig. 8 - Collector Current vs. Collector Emitter Voltage (NS)
Fig. 9 - Collector Current vs. Collector Emitter Voltage
Fig. 10 - Leakage Current vs. Ambient Temperature
Fig. 11 - Normalized CTR (sat) vs. Ambient Temperature
025
50
75
0
40
80
120
200
240
280
100
Tamb - Ambient Temperature (°C)
160
Coupled device
Phototransistor
22293
IR-diode
VF - Forward Voltage (V)
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T
amb = - 40 °C
T
amb = 0 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 85 °C
T
amb = 25 °C
T
amb = - 55 °C
22508
VCE - Collector Emitter Voltage (NS) (V)
0
5
10
15
20
25
30
35
40
45
02468
10
12
I
F = 30 mA
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 5 mA
22509
VCE - Collector Emitter Voltage (sat) (V)
0
5
10
15
20
25
30
0
0.1
0.2
0.3
0.4
0.5
I
F = 25 mA
I
F = 10 mA
I
F = 5 mA
I
F = 2 mA
I
F = 1 mA
Tamb - Ambient Temperature (°C)
0.01
0.1
1
10
100
1000
- 55
- 35
- 15
5
25
45
65
85
I
F = 0
V
CE = 12 V
V
CE = 24 V
V
CE = 40 V
Tamb - Ambient Temperature (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
- 55
- 40
- 20
0
20
40
60
85
I
F = 10 mA
I
F = 5 mA
I
F = 1 mA
V
CE = 0.4 V


Similar Part No. - CNY64AYST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
CNY64AYST VISHAY-CNY64AYST Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AYST VISHAY-CNY64AYST Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
More results

Similar Description - CNY64AYST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 12-Feb-14
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com