Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIABLO16-OGM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DIABLO16-OGM
Description  DIABLO OGM GEM Graphics Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DIABLO16-OGM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DIABLO16-OGM Datasheet HTML 2Page - List of Unclassifed Manufacturers DIABLO16-OGM Datasheet HTML 3Page - List of Unclassifed Manufacturers DIABLO16-OGM Datasheet HTML 4Page - List of Unclassifed Manufacturers DIABLO16-OGM Datasheet HTML 5Page - List of Unclassifed Manufacturers DIABLO16-OGM Datasheet HTML 6Page - List of Unclassifed Manufacturers DIABLO16-OGM Datasheet HTML 7Page - List of Unclassifed Manufacturers DIABLO16-OGM Datasheet HTML 8Page - List of Unclassifed Manufacturers DIABLO16-OGM Datasheet HTML 9Page - List of Unclassifed Manufacturers DIABLO16-OGM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
4D SYSTEMS
DIABLO16 Processor
© 2013 4D SYSTEMS
Page 6 of 27
www.4dsystems.com.au
I = Input, O = Output, P = Power
OGM Pin Outs (Continued)
Pin
Symbol
I/O
Description
15
BACKLITE
I
Backlight control for external PWM or Digital Control. Please refer to Section 4.3
for information on how this can be controlled externally
16
DISPON
O
Backlight control from the DIABLO16, must be connected externally to the
BACKLITE pin (Pin 15) in order for the DIABLO16 to control the backlight.
17
GND
P
Supply Ground
18
GND
P
Supply Ground
19
PA12
I
General Purpose I/O. This pin is 5.0V tolerant.
20
PA13
O
General Purpose I/O. This pin is 5.0V tolerant.
21
GND
P
Supply Ground
22
RESET
I
Master Reset, Active Low (GND)
23
TX0
O
Asynchronous serial port 0 transmit pin. COM0
24
RX0
I
Asynchronous serial port 0 receive pin. COM0
25
GND
P
Supply Ground
26
GND
P
Supply Ground
27
PA11
I/O
General Purpose I/O. This pin is 5.0V tolerant.
28
PA10
O
General Purpose I/O. This pin is 5.0V tolerant.
29
GND
P
Supply Ground
30
GND
P
Supply Ground
31
GND
P
Supply Ground
32
AUDENB
O
Audio Amplified Enable, Active High (5V)
33
AUDIO
O
Raw PWM Audio Output (requires external components)
34
GND
P
Supply Ground
35
GND
P
Supply Ground
36
PA15
I/O
General Purpose I/O. This pin is 5.0V tolerant.
37
PA14
I/O
General Purpose I/O. This pin is 5.0V tolerant.
38
PA4
I/O
General Purpose I/O. This pin is 5.0V tolerant.
39
PA5
I/O
General Purpose I/O. This pin is 5.0V tolerant.
40
PA6
I/O
General Purpose I/O. This pin is 5.0V tolerant.
41
PA7
I/O
General Purpose I/O. This pin is 5.0V tolerant.
42
PA8
I/O
General Purpose I/O. This pin is 5.0V tolerant.
43
PA9
I/O
General Purpose I/O. This pin is 5.0V tolerant.
44
GND
P
Supply Ground
45
PA0
I/O
General Purpose I/O pin with Analog Capability. This pin is 5.0V tolerant when
used as a Digital, with a range of 0-3.3V when used as an Analog Input
46
PA1
I/O
General Purpose I/O pin with Analog Capability. This pin is 5.0V tolerant when
used as a Digital, with a range of 0-3.3V when used as an Analog Input
47
PA2
I/O
General Purpose I/O pin with Analog Capability. This pin is 5.0V tolerant when
used as a Digital, with a range of 0-3.3V when used as an Analog Input
48
PA3
I/O
General Purpose I/O pin with Analog Capability. This pin is 5.0V tolerant when
used as a Digital, with a range of 0-3.3V when used as an Analog Input
49
N/C
-
Not Connected
50
RAW+3.3V
P
Supply Input +3.3VDC to +3.6VDC, +3.3VDC Nominal
51
GND
P
Supply Ground
52
RAW+VCC
P
Backlight Supply Input +3.3VDC to +5.5VDC, +5VDC Nominal
53
GND
P
Supply Ground
54
GND
P
Supply Ground


Similar Part No. - DIABLO16-OGM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results

Similar Description - DIABLO16-OGM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PICASO-OGM ETC-PICASO-OGM Datasheet
2Mb / 22P
   OEM Graphics Module
logo
Hantronix,Inc
HDM128GD16 HANTRONIX-HDM128GD16 Datasheet
166Kb / 9P
   160x128 GRAPHICS LCD DISPLAY MODULE
HDM64GS24-2 HANTRONIX-HDM64GS24-2_15 Datasheet
97Kb / 10P
   240x64 GRAPHICS LCD DISPLAY MODULE
logo
New Jersey Semi-Conduct...
2N4291 NJSEMI-2N4291 Datasheet
113Kb / 1P
   SILICON PNP TRANSISTOR GEM
logo
Hantronix,Inc
HDR128128 HANTRONIX-HDR128128 Datasheet
96Kb / 9P
   128x128 GRAPHICS OLED DISPLAY MODULE
logo
List of Unclassifed Man...
HDR12864 ETC-HDR12864 Datasheet
81Kb / 9P
   128x64 GRAPHICS OLED DISPLAY MODULE
logo
Hantronix,Inc
HDM3224-5 HANTRONIX-HDM3224-5_15 Datasheet
309Kb / 22P
   320x240 GRAPHICS LCD DISPLAY MODULE
HDM240200 HANTRONIX-HDM240200_15 Datasheet
181Kb / 16P
   240x200 GRAPHICS LCD DISPLAY MODULE
HDM160GS16L-A HANTRONIX-HDM160GS16L-A_15 Datasheet
161Kb / 19P
   160x160 GRAPHICS LCD DISPLAY MODULE
HDM64GS24-4 HANTRONIX-HDM64GS24-4_15 Datasheet
280Kb / 22P
   240x64 GRAPHICS LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com