Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10192 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A10192
Description  Fusca 2.4 GHz SMD Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A10192 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A10192 Datasheet HTML 1Page - List of Unclassifed Manufacturers A10192 Datasheet HTML 2Page - List of Unclassifed Manufacturers A10192 Datasheet HTML 3Page - List of Unclassifed Manufacturers A10192 Datasheet HTML 4Page - List of Unclassifed Manufacturers A10192 Datasheet HTML 5Page - List of Unclassifed Manufacturers A10192 Datasheet HTML 6Page - List of Unclassifed Manufacturers A10192 Datasheet HTML 7Page - List of Unclassifed Manufacturers A10192 Datasheet HTML 8Page - List of Unclassifed Manufacturers A10192 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Fusca 2.4 GHz SMD Antenna
Part No. A10192
Antennas for Wireless M2M Applications
4
Product Specification 06MD-0002-8-PS
7-3
Antenna patterns
dBi
5
-35
-15
XY plane
ZY plane
XZ plane
Z
X
Y
Patterns show combined polarisations
measured on reference board A10192-U1


Similar Part No. - A10192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10192-L ETC2-A10192-L Datasheet
559Kb / 10P
   Fusca 2.4GHz SMD Antenna
More results

Similar Description - A10192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10192-L ETC2-A10192-L Datasheet
559Kb / 10P
   Fusca 2.4GHz SMD Antenna
A5645 ETC2-A5645 Datasheet
1Mb / 12P
   Mica 2.4 GHz SMD Antenna
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A5839 ETC2-A5839 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A6111 ETC2-A6111 Datasheet
1Mb / 12P
   Comata 2.4 GHz SMD Antenna
A6150 ETC2-A6150_15 Datasheet
753Kb / 12P
   Impexa 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
   OnBoard 2.4 GHz SMD - Antenna
logo
Pulse A Technitrol Comp...
W3108 PULSE-W3108 Datasheet
425Kb / 4P
   2.4 GHz Helical WiFi SMD Antenna
logo
Abracon Corporation
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
   OnBoard 2.4 GHz Mini SMD - Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com