Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4509QRGTRQ1 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4509QRGTRQ1
Description  WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4509QRGTRQ1 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button THS4509QRGTRQ1 Datasheet HTML 15Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 16Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 17Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 18Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 19Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 20Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 21Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 22Page - National Semiconductor (TI) THS4509QRGTRQ1 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
−120
−110
−100
−90
−80
−70
−60
−50
−40
1
10
100
1000
f − Frequency − MHz
R L =500 Ω
R L =200Ω
R L =100Ω
G=14dB,
V
=1V
OD
PP
R L =1k Ω
−100
−90
−80
−70
−60
−50
−40
1
10
100
1000
f − Frequency − MHz
R =500
L
W
R =1k
L
W
R =200
L
W
R =100
L
W
G=14dB,
V
=1V
OD
PP
−100
−90
−80
−70
−60
−50
−40
−30
0
50
100
150
200
f − Frequency − MHz
R =500
L
W
R =200
L
W
R =100
L
W
R =1k
L
W
Gain=6dB,
V
=1V
OD
PP
−100
−90
−80
−70
−60
−50
−40
−30
0
50
100
150
200
f − Frequency − MHz
Gain=6dB,
V
=1V
Envelope
OD
PP
R =100
L
W
R =1k
L
W
R =500
L
W
R =200
L
W
−100
−90
−80
−70
−60
−50
−40
−30
0
50
100
150
200
f − Frequency − MHz
Gain=10dB,
V
=1V
Envolope
OD
PP
R =100
L
W
R =1k
L
W
R =200
L
W
R =500
L
W
−100
−90
−80
−70
−60
−50
−40
−30
0
50
100
150
200
f − Frequency − MHz
Gain=10dB,
V
=1V
Envelope
OD
PP
R =500
L
W
R =1k
L
W
R =200
L
W
R =100
L
W
THS4509-Q1
www.ti.com........................................................................................................................................................................................... SLOS547 – NOVEMBER 2008
HD2 vs FREQUENCY
HD3 vs FREQUENCY
Figure 50.
Figure 51.
IMD2 vs FREQUENCY
IMD3 vs FREQUENCY
Figure 52.
Figure 53.
IMD2 vs FREQUENCY
IMD3 vs FREQUENCY
Figure 54.
Figure 55.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS4509-Q1


Similar Part No. - THS4509QRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509QRGTRQ1 TI1-THS4509QRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509QRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com