Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4509-Q1 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4509-Q1
Description  WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4509-Q1 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4509-Q1 Datasheet HTML 8Page - National Semiconductor (TI) THS4509-Q1 Datasheet HTML 9Page - National Semiconductor (TI) THS4509-Q1 Datasheet HTML 10Page - National Semiconductor (TI) THS4509-Q1 Datasheet HTML 11Page - National Semiconductor (TI) THS4509-Q1 Datasheet HTML 12Page - National Semiconductor (TI) THS4509-Q1 Datasheet HTML 13Page - National Semiconductor (TI) THS4509-Q1 Datasheet HTML 14Page - National Semiconductor (TI) THS4509-Q1 Datasheet HTML 15Page - National Semiconductor (TI) THS4509-Q1 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
40
45
50
55
60
65
70
75
80
85
90
0
50
100
150
200
Gain=10dB
f − Frequency − MHz
Gain=6dB
Gain=14dB
25
27
29
31
33
35
37
39
41
43
45
0
50
100
150
200
250
f − Frequency − MHz
Gain=6dB
Gain=10dB
Gain=14dB
9.8
9.9
10
10.1
10.2
0.1
1
10
100
1000
f − Frequency − MHz
V
=2V
OD
PP
1
10
100
-70
-60
-50
-40
-30
-20
-10
0
1000
S21
S11
S22
S12
f-Frequency-MHz
−1.5
−1
−0.5
0
0.5
1
1.5
t − Time − 500ps/div
V
=2V
OD
step
Fall
0
1000
2000
3000
4000
5000
6000
7000
8000
0
0.5
1
1.5
2
2.5
3
3.5
4
Rise
V
DifferentialOutrputVoltage-V
OD
STEP
-
THS4509-Q1
SLOS547 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
OIP2 vs FREQUENCY
OIP3 vs FREQUENCY
Figure 19.
Figure 20.
0.1-dB FLATNESS
S-PARAMETERS vs FREQUENCY
Figure 21.
Figure 22.
TRANSITION RATE vs OUTPUT VOLTAGE
TRANSIENT RESPONSE
Figure 23.
Figure 24.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS4509-Q1


Similar Part No. - THS4509-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com