Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4141IDGNR Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4141IDGNR
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4141IDGNR Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button THS4141IDGNR Datasheet HTML 3Page - National Semiconductor (TI) THS4141IDGNR Datasheet HTML 4Page - National Semiconductor (TI) THS4141IDGNR Datasheet HTML 5Page - National Semiconductor (TI) THS4141IDGNR Datasheet HTML 6Page - National Semiconductor (TI) THS4141IDGNR Datasheet HTML 7Page - National Semiconductor (TI) THS4141IDGNR Datasheet HTML 8Page - National Semiconductor (TI) THS4141IDGNR Datasheet HTML 9Page - National Semiconductor (TI) THS4141IDGNR Datasheet HTML 10Page - National Semiconductor (TI) THS4141IDGNR Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
−92
−90
−88
−86
−84
−82
−80
1
2
3
4
5
6
f = 1 MHz,
RL = 800 Ω,
Rf = 330 Ω,
G = 1
VCC = 5 V
VO − Output Voltage − V
VCC = ±15 V
VCC = ±5 V
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
100 k
1M
10 M
100 M
f − Frequency − Hz
VCC = ±15 V
VCC = ±5 V
VO = 4 VPP,
RL = 800 Ω,
Rf = 330 Ω,
G = 1
−66
−65
−64
−63
−62
−61
−60
−59
−58
−57
1
2
3
4
5
6
f = 16 MHz,
RL = 800 Ω,
Rf = 330 Ω,
G = 1
VCC = 5 V
VCC = ±5 V
VO − Output Voltage − V
VCC = ±15 V
−110
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1M
10 M
100 M
VCC = ±15 V
VCC = ±5 V
VO = 2 VPP,
RL = 800 Ω,
Rf = 330 Ω,
G = 1
f − Frequency − Hz
VCC = 5 V
THS4140
THS4141
SLOS320F – MAY 2000 – REVISED JANUARY 2006
TYPICAL CHARACTERISTICS (continued)
SECOND HARMONIC DISTORTION
SECOND HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 7.
Figure 8.
SECOND HARMONIC DISTORTION
THIRD HARMONIC DISTORTION
vs
vs
OUTPUT VOLTAGE
FREQUENCY
Figure 9.
Figure 10.
7
Submit Documentation Feedback


Similar Part No. - THS4141IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141IDGNR TI-THS4141IDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141IDGNRG4 TI-THS4141IDGNRG4 Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4141IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com