Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6618MKXNOPB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6618MKXNOPB
Description  LMH6618 Single/LMH6619 Dual 130 MHz, 1.25 mA RRIO Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6618MKXNOPB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6618MKXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6618MKXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6618MKXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6618MKXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6618MKXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6618MKXNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMH6618MKXNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMH6618MKXNOPB Datasheet HTML 14Page - National Semiconductor (TI) LMH6618MKXNOPB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
1
10
100
1000
-9
-7
-5
-3
-1
1
3
5
7
9
11
FREQUENCY (MHz)
RISO = 0
RISO = 25
RISO = 50
RISO = 100
RISO = 75
V
+
= +5V
V
-
= -5V
VOUT = 0.2 VPP
CL = 100 pF
0.1
1
10
FREQUENCY (MHz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
VOUT = 2 VPP
RL = 1 k:
RF = 0:
A = +1
V
+
= +1.5V
V
-
= -1.5V
V
+
= +2.5V
V
-
= -2.5V
V
+
= +5V
V
-
= -5V
0.01
0.10
1
10
100
FREQUENCY (MHz)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
±1.5V
±2.5V
±5V
1
10
100
1000
-9
-7
-5
-3
-1
1
3
5
FREQUENCY (MHz)
4
2
0
-2
-4
-6
-8
CL = 5 pF
CL = 10 pF
CL = 20 pF
CL = 30 pF
V
+
= +5V
V
-
= -5V
RL = 1 k:
VOUT = 0.2V
CL = 0 pF
1
10
100
1000
FREQUENCY (MHz)
-18
-15
-12
-9
-6
-3
0
3
V
+
= +5V
V
-
= -5V
V
+
= +2.5V
V
-
= -2.5V
V
+
= +1.5V
V
-
= -1.5V
AV = +2
RF = RG = 2 k:
RL = 1 k:
VOUT = 2V
1
10
100
1000
FREQUENCY (MHz)
-21
-18
-15
-12
-9
-6
-3
0
3
A = 10
A = 5
A = 2
A = 1
V
+
= +2.5V
V
-
= -2.5V
RL = 1 k:
CL = 5 pF
VOUT = 0.2V
LMH6618, LMH6619
www.ti.com
SNOSAV7E – AUGUST 2007 – REVISED OCTOBER 2012
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TJ = 25°C, AV = +1 (RF = 0Ω), otherwise RF = 2 kΩ for AV ≠ +1, unless otherwise specified.
Closed Loop Gain vs. Frequency for Various Gains
Large Signal Frequency Response
Figure 9.
Figure 10.
Small Signal Frequency Response with
±0.1 dB Gain Flatness for Various Supplies
Various Capacitive Load
Figure 11.
Figure 12.
HD2
Small Signal Frequency Response with
vs.
Capacitive Load and Various RISO
Frequency and Supply Voltage
Figure 13.
Figure 14.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6618 LMH6619


Similar Part No. - LMH6618MKXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6618MKX NSC-LMH6618MKX Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
LMH6618MKX NSC-LMH6618MKX Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
LMH6618MKX/NOPB TI1-LMH6618MKX/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifiers
More results

Similar Description - LMH6618MKXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6618 TI1-LMH6618 Datasheet
2Mb / 38P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
National Semiconductor ...
LMH6618_0711 NSC-LMH6618_0711 Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
LMH6619Q TI1-LMH6619Q Datasheet
1Mb / 30P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifier
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com