Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6618 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6618
Description  LMH6618 Single/LMH6619 Dual 130 MHz, 1.25 mA RRIO Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6618 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6618_14 Datasheet HTML 1Page - National Semiconductor (TI) LMH6618_14 Datasheet HTML 2Page - National Semiconductor (TI) LMH6618_14 Datasheet HTML 3Page - National Semiconductor (TI) LMH6618_14 Datasheet HTML 4Page - National Semiconductor (TI) LMH6618_14 Datasheet HTML 5Page - National Semiconductor (TI) LMH6618_14 Datasheet HTML 6Page - National Semiconductor (TI) LMH6618_14 Datasheet HTML 7Page - National Semiconductor (TI) LMH6618_14 Datasheet HTML 8Page - National Semiconductor (TI) LMH6618_14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LMH6618, LMH6619
www.ti.com
SNOSAV7E – AUGUST 2007 – REVISED OCTOBER 2012
LMH6618 Single/LMH6619 Dual 130 MHz, 1.25 mA RRIO Operational Amplifiers
Check for Samples: LMH6618, LMH6619
1
FEATURES
Industrial Temperature Grade
−40°C to +125°C
Rail-to-Rail Input and Output
23
VS = 5V, RL = 1 kΩ, TA = 25°C and AV = +1,
Unless Otherwise Specified.
APPLICATIONS
Operating Voltage Range 2.7V to 11V
ADC Driver
Supply Current per Channel 1.25 mA
DAC Buffer
Small Signal Bandwidth 130 MHz
Active Filters
Input Offset Voltage (Limit at 25°C) ±0.75 mV
High Speed Sensor Amplifier
Slew Rate 55 V/µs
Current Sense Amplifier
Settling Time to 0.1% 90 ns
Portable Video
Settling Time to 0.01% 120 ns
STB, TV Video Amplifier
SFDR (f = 100 kHz, AV = +1, VOUT = 2 VPP) 100
dBc
0.1 dB Bandwidth (AV = +2) 15 MHz
Low Voltage Noise 10 nV/
√Hz
DESCRIPTION
The LMH6618 (single, with shutdown) and LMH6619 (dual) are 130 MHz rail-to-rail input and output amplifiers
designed for ease of use in a wide range of applications requiring high speed, low supply current, low noise, and
the ability to drive complex ADC and video loads. The operating voltage range extends from 2.7V to 11V and the
supply current is typically 1.25 mA per channel at 5V. The LMH6618 and LMH6619 are members of the
PowerWise® family and have an exceptional power-to-performance ratio.
The amplifier’s voltage feedback design topology provides balanced inputs and high open loop gain for ease of
use and accuracy in applications such as active filter design. Offset voltage is typically 0.1 mV and settling time
to 0.01% is 120 ns which combined with an 100 dBc SFDR at 100 kHz makes the part suitable for use as an
input buffer for popular 8-bit, 10-bit, 12-bit and 14-bit mega-sample ADCs.
The input common mode range extends 200 mV beyond the supply rails. On a single 5V supply with a ground
terminated 150
Ω load the output swings to within 37 mV of the ground rail, while a mid-rail terminated 1 kΩ load
will swing to 77 mV of either rail, providing true single supply operation and maximum signal dynamic range on
low power rails. The amplifier output will source and sink 35 mA and drive up to 30 pF loads without the need for
external compensation.
The LMH6618 has an active low disable pin which reduces the supply current to 72 µA and is offered in the
space saving 6-Pin SOT package. The LMH6619 is offered in the 8-Pin SOIC package. The LMH6618 and
LMH6619 are available with a
−40°C to +125°C extended industrial temperature grade.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerWise, WEBENCH are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6618_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6618MK NSC-LMH6618MK Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
LMH6618MK NSC-LMH6618MK Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
LMH6618MK/NOPB TI1-LMH6618MK/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
National Semiconductor ...
LMH6618MKE NSC-LMH6618MKE Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
LMH6618MKE/NOPB TI1-LMH6618MKE/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifiers
More results

Similar Description - LMH6618_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6618 TI1-LMH6618 Datasheet
2Mb / 38P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
National Semiconductor ...
LMH6618_0711 NSC-LMH6618_0711 Datasheet
1Mb / 28P
   PowerWise짰 130 MHz, 1.25 mA RRIO Operational Amplifiers
logo
Texas Instruments
LMH6619Q TI1-LMH6619Q Datasheet
1Mb / 30P
[Old version datasheet]   130 MHz, 1.25 mA RRIO Operational Amplifier
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV710 TI1-LMV710_15 Datasheet
481Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com