Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6601QMGXNOPB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6601QMGXNOPB
Description  LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6601QMGXNOPB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6601QMGXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6601QMGXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6601QMGXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6601QMGXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6601QMGXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6601QMGXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6601QMGXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6601QMGXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6601QMGXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LMH6601, LMH6601-Q1
www.ti.com
SNOSAK9E – JUNE 2006 – REVISED MARCH 2013
5V ELECTRICAL CHARACTERISTICS
Single Supply with VS= 5V, AV = +2, RF = 604Ω, SD tied to V
+, V
OUT = VS/2, RL = 150Ω to V
unless otherwise specified.
Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min (2)
Typ (2)
Max (2)
Units
Frequency Domain Response
SSBW
–3 dB Bandwidth Small Signal
VOUT = 0.25 VPP
130
MHz
SSBW_1
VOUT = 0.25 VPP, AV = +1
250
Peak
Peaking
VOUT = 0.25 VPP, AV = +1
2.5
dB
Peak_1
Peaking
VOUT = 0.25 VPP
0
dB
LSBW
–3 dB Bandwidth Large Signal
VOUT = 2 VPP
81
MHz
Peak_2
Peaking
VOUT = 2 VPP
0
dB
0.1 dB BW
0.1 dB Bandwidth
VOUT = 2 VPP
30
MHz
GBWP_1k
Gain Bandwidth Product
Unity Gain, RL = 1 kΩ to VS/2
155
MHz
GBWP_150
Unity Gain, RL = 150Ω to VS/2
125
AVOL
Large Signal Open Loop Gain
0.5V < VOUT < 4.5V
56
66
dB
PBW
Full Power BW
–1 dB, AV = +4, VOUT = 4.2 VPP,
30
MHz
RL = 150Ω to VS/2
DG
Differential Gain
4.43 MHz, 1.7V
≤ VOUT ≤ 3.3V,
0.06
%
RL = 150Ω to V
DP
Differential Phase
4.43 MHz, 1.7V
≤ VOUT ≤ 3.3V
0.10
deg
RL = 150Ω to V
Time Domain Response
TRS/TRL
Rise & Fall Time
0.25V Step
2.6
ns
OS
Overshoot
0.25V Step
10
%
SR
Slew Rate
2V Step
275
V/
μs
TS
Settling Time
1V Step, ±0.1%
50
ns
TS_1
1V Step, ±0.02%
220
PD
Propagation Delay
Input to Output, 250 mV Step, 50%
2.4
ns
CL
Cap Load Tolerance
AV = −1, 10% Overshoot, 75Ω in Series
50
pF
Distortion & Noise Performance
HD2
Harmonic Distortion (2nd)
2 VPP, 10 MHz
−56
dBc
HD2_1
4 VPP, 10 MHz, RL = 1 kΩ to VS/2
−61
HD3
Harmonic Distortion (3rd)
2 VPP, 10 MHz
−73
dBc
HD3_1
4 VPP, 10 MHz, RL = 1 kΩ to VS/2
−64
THD
Total Harmonic Distortion
4 VPP, 10 MHz, RL = 1 kΩ to VS/2
−58
VN1
Input Voltage Noise
>10 MHz
7
nV/
√Hz
VN2
1 MHz
10
IN
Input Current Noise
>1 MHz
50
fA/
√Hz
Static, DC Performance
VIO
Input Offset Voltage
±1
±2.4
mV
±5.0
DVIO
Input Offset Voltage Average Drift
(3)
−5
μV/°C
IB
Input Bias Current
(4)
5
50
pA
IOS
Input Offset Current
(4)
2
25
pA
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(4)
This parameter is ensured by design and/or characterization and is not tested in production.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6601 LMH6601-Q1


Similar Part No. - LMH6601QMGXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601QMGX NSC-LMH6601QMGX Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601QMGX/NOPB TI1-LMH6601QMGX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - LMH6601QMGXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6601 NSC-LMH6601 Datasheet
1Mb / 27P
   250 MHz, 2.4V CMOS Op Amp with Shutdown
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com