Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6132L-K08-2020-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L6132L-K08-2020-R
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6132L-K08-2020-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L6132L-K08-2020-R Datasheet HTML 1Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 2Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 3Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 4Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 5Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 6Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 7Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 8Page - Unisonic Technologies L6132L-K08-2020-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
L6132
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R105-045.B
ELECTRICAL CHARACTERISTICS (FOR 5V)
All limits guaranteed for TJ=25°C, V
+=5V, V-=0V, V
CM =2.0V, V OUT =V
+/2 and R
L
>1MΩ, unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Input Offset Voltage
VOS
1.7
6
mV
Input Common-Mode Voltage Range
VCM
For CMRR
≥50dB
0
-0.2
V
4.2
4
V
Output Swing
VOUT
RL=2K
Ω to 2.5V
VOH
V
+-300 V+-40
mV
VOL
120
300
mV
RL=10K
Ω to 2.5V
VOH
V
+-100 V+-10
mV
VOL
65
180
mV
Input Offset Voltage Average Drift
TCVos
5
µV/
°C
Input Bias Current
II(BIAS)
15
250
nA
Input Offset Current
II(OFF)
5
50
nA
Common Mode Rejection Ratio
CMRR
0V
≤VCM≤4V
50
65
dB
Power Supply Rejection Ratio
PSRR
2.7V
≤V+≤5V
VOUT=1V, VCM=1V
50
60
dB
Large Signal Voltage Gain (Note 1)
GV
RL=2K
15
100
V/mV
Output Short Circuit Current
IOUT
Sourcing, VOUT =0V
10
230
mA
Sinking, VOUT =5V
30
160
mA
Supply Current
ISS
Both Amplifiers
210
440
µA
AC CHARACTERISTICS
Slew Rate
SR
(Note 2)
1
V/µs
Gain Bandwidth Product
GBWP
CL=200pF
1
MHz
Phase Margin
Φm
60
Deg
Gain Margin
Gm
10
dB
Input Referred Voltage Noise
eN
f=1KHz
39
nV
√ Hz
Input Referred Current Noise
in
f=1KHz
0.21
pA
√ Hz
Notes: 1. RL is connected to V
. The output voltage is 0.5V
≤V
OUT
≤4.5V.
2. Connected as voltage follower with 3V step input. Number specified is these lower of the positive and
negative slew rates


Similar Part No. - L6132L-K08-2020-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L6132L-K08-2020-R UTC-L6132L-K08-2020-R Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results

Similar Description - L6132L-K08-2020-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358 Datasheet
412Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
   General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
[Old version datasheet]   GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com