Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6601 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6601
Description  LMH6601/LMH6601Q 250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6601 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6601_14 Datasheet HTML 6Page - National Semiconductor (TI) LMH6601_14 Datasheet HTML 7Page - National Semiconductor (TI) LMH6601_14 Datasheet HTML 8Page - National Semiconductor (TI) LMH6601_14 Datasheet HTML 9Page - National Semiconductor (TI) LMH6601_14 Datasheet HTML 10Page - National Semiconductor (TI) LMH6601_14 Datasheet HTML 11Page - National Semiconductor (TI) LMH6601_14 Datasheet HTML 12Page - National Semiconductor (TI) LMH6601_14 Datasheet HTML 13Page - National Semiconductor (TI) LMH6601_14 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
FREQUENCY (MHz)
1
10
100
1000
-21
-18
-15
-12
-9
-6
-3
0
3
VOUT = 0.25 VPP
GAIN
PHASE
-100
-80
-60
-40
-20
0
20
40
60
AV = +1
AV = +2
AV = +5
AV = +10
AV = +1
AV = +2
AV = +5
AV = +10
FREQUENCY (MHz)
1
10
100
1000
-21
-18
-15
-12
-9
-6
-3
0
3
VOUT = 0.25 VPP
GAIN
PHASE
-100
-80
-60
-40
-20
0
20
40
60
AV = -1
AV = -2
AV = -5
AV = -10
1
10
100
1000
FREQUENCY (MHz)
VS = 2.7V
-18
-15
-12
-9
-6
-3
0
3
-200
-160
-120
-80
-40
0
40
80
GAIN
PHASE
0.25 VPP
1 VPP
2 VPP
2.5
3
3.5
4
4.5
5
50
75
100
125
150
VS (V)
AV = +2
0.25 VPP
1 VPP
2 VPP
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
GAIN
PHASE
0.25 VPP
1 VPP
2 VPP
-18
-15
-12
-9
-6
-3
0
3
-200
-160
-120
-80
-40
0
40
80
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V
-18
-15
-12
-9
-6
-3
0
3
-200
-160
-120
-80
-40
0
40
80
GAIN
PHASE
0.25 VPP
1 VPP
2 VPP
LMH6601, LMH6601-Q1
SNOSAK9E – JUNE 2006 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, all data is with AV = +2, RF = RG = 604Ω, VS = 3.3V, VOUT = VS/2, SD tied to V
+, R
L = 150Ω to V
, T =
25°C.
Frequency Response for Various Output Amplitudes
Frequency Response for Various Output Amplitudes
Figure 3.
Figure 4.
−3 dB BW
vs.
Frequency Response for Various Output Amplitudes
Supply Voltage for Various Output Swings
Figure 5.
Figure 6.
Non-inverting Frequency Response for Various Gain
Inverting Frequency Response for Various Gain
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6601 LMH6601-Q1


Similar Part No. - LMH6601_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - LMH6601_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6601 NSC-LMH6601 Datasheet
1Mb / 27P
   250 MHz, 2.4V CMOS Op Amp with Shutdown
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com