Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6551QMMNOPB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6551QMMNOPB
Description  LMH6551Q Differential, High Speed Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551QMMNOPB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6551QMMNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6551QMMNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6551QMMNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6551QMMNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6551QMMNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6551QMMNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6551QMMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6551QMMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6551QMMNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LMH6551Q
www.ti.com
SNOSB95E – NOVEMBER 2011 – REVISED MARCH 2013
5V Electrical Characteristics
(1) (continued)
Single ended in differential out, TA= 25°C, G = +1, VS = 5V, VCM = 2.5V, RF = RG = 365Ω, RL = 500Ω; Unless specified
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Distortion and Noise Response
HD2
2nd Harmonic Distortion
VO = 2 VPP, f = 5 MHz, RL=800Ω
−84
dBc
HD2
VO = 2 VPP, f = 20 MHz, RL=800Ω
−69
dBc
HD3
3rd Harmonic Distortion
VO = 2 VPP, f = 5 MHz, RL=800Ω
−93
dBc
HD3
VO = 2 VPP, f = 20 MHz, RL=800Ω
−67
dBc
en
Input Referred Noise Voltage
Freq
≥ 1 MHz
6.0
nV/
√Hz
in
Input Referred Noise Current
Freq
≥ 1 MHz
1.5
pA/
√Hz
Input Characteristics (Differential)
VOSD
Input Offset Voltage
Differential Mode, VID = 0, VCM = 0
0.5
±4
mV
±6
Input Offset Voltage Average
(5)
−0.8
µV/°C
Temperature Drift
IBIAS
Input Bias Current
(6)
−4
0
μA
-10
Input Bias Current Average
(5)
−3
nA/°C
Temperature Drift
Input Bias Current Difference
Difference in Bias currents between the
0.03
µA
two inputs
CMRR
Common-Mode Rejection Ratio
DC, VID = 0V
70
78
dBc
Input Resistance
Differential
5
M
Input Capacitance
Differential
1
pF
VICM
Input Common Mode Range
CMRR > 53 dB
+3.1
+3.2
+0.4
+0.3
VCMPin Input Characteristics (Common Mode Feedback Amplifier)
Input Offset Voltage
Common Mode, VID = 0
0.5
±5
mV
±8
Input Offset Voltage Average
5.8
µV/°C
Temperature Drift
Input Bias Current
3
μA
VCM CMRR
VID = 0,
70
75
dB
1V step on VCM pin, measure VOD
Input Resistance
VCM pin to ground
25
k
Common Mode Gain
ΔVO,CM/ΔVCM
0.995
0.999
1.005
V/V
Output Performance
VOUT
Output Voltage Swing
Single Ended, Peak to Peak, VS= ±2.5V,
±2.4
±2.8
V
VCM= 0V
IOUT
Linear Output Current
VOUT = 0V Differential
±45
±60
mA
ISC
Output Short Circuit Current
Output Shorted to Ground
230
mA
VIN = 3V Single Ended
(7)
CMVR
Output Common Mode Voltage
VID = 0, VCMpin = 1.2V and 3.8V
1.23
1.20
V
Range
3.72
3.80
Output Balance Error
ΔVOUTCommon Mode /ΔVOUTDIfferential,
−65
dB
VOUT = 1Vpp Differential, f = 10 MHz
Miscellaneous Performance
Open Loop Gain
DC, Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±0.5V
71
88
dB
IS
Supply Current
RL = ∞
10
11.5
13.5
mA
15.5
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device.
(7)
The maximum output current (IOUT) is determined by device power dissipation limitations.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6551Q


Similar Part No. - LMH6551QMMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6551QMM TI1-LMH6551QMM Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551QMM/NOPB TI-LMH6551QMM/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551QMME TI1-LMH6551QMME Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551QMME/NOPB TI-LMH6551QMME/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551QMMX TI1-LMH6551QMMX Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
More results

Similar Description - LMH6551QMMNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com