Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6551Q-Q1 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6551Q-Q1
Description  LMH6551Q Differential, High Speed Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551Q-Q1 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6551Q-Q1 Datasheet HTML 5Page - National Semiconductor (TI) LMH6551Q-Q1 Datasheet HTML 6Page - National Semiconductor (TI) LMH6551Q-Q1 Datasheet HTML 7Page - National Semiconductor (TI) LMH6551Q-Q1 Datasheet HTML 8Page - National Semiconductor (TI) LMH6551Q-Q1 Datasheet HTML 9Page - National Semiconductor (TI) LMH6551Q-Q1 Datasheet HTML 10Page - National Semiconductor (TI) LMH6551Q-Q1 Datasheet HTML 11Page - National Semiconductor (TI) LMH6551Q-Q1 Datasheet HTML 12Page - National Semiconductor (TI) LMH6551Q-Q1 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
-110
-100
-90
-80
-70
-60
-50
VS = ±5V
VOUT = 2 VPP
VCM = 0V
RL = 800:
HD3
HD2
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
VS = 5V
VOUT = 2 VPP
VCM = 2.5V
RL = 800:
HD2
HD3
0
5
10 15 20 25 30 35 40 45 50
-3
-2
-1
0
1
2
3
TIME (ns)
VS = ±5V
RL = 500:
RF = 360:
0
5
10 15 20 25 30 35 40 45 50
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
TIME (ns)
VS = ±5V
RL = 500:
RF = 360:
VOUT = 4 VPP
0
5
10 15 20 25 30 35 40 45 50
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
TIME (ns)
VS = 3.3V
RL = 500:
RF = 360:
0
5
10 15 20 25 30 35 40 45 50
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TIME (ns)
VS = 5V
RL = 500:
RF = 360:
LMH6551Q
www.ti.com
SNOSB95E – NOVEMBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5V, RL = 500Ω, RF = RG = 365Ω; Unless Specified).
1 VPP Pulse Response Single Ended Input
2 VPP Pulse Response Single Ended Input
Figure 8.
Figure 9.
Large Signal Pulse Response
Output Common Mode Pulse Response
Figure 10.
Figure 11.
Distortion
Distortion
vs.
vs.
Frequency
Frequency
Figure 12.
Figure 13.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6551Q


Similar Part No. - LMH6551Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551Q TI-LMH6551Q Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551QMM TI1-LMH6551QMM Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551QMM/NOPB TI-LMH6551QMM/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551QMME TI1-LMH6551QMME Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
More results

Similar Description - LMH6551Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com