Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1274568-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1274568-1
Description  Mini BNC Connectors, 75 Ohm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1274568-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1274568-1 Datasheet HTML 1Page - Tyco Electronics 1274568-1 Datasheet HTML 2Page - Tyco Electronics 1274568-1 Datasheet HTML 3Page - Tyco Electronics 1274568-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
79
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Mini BNC Connectors, 75 Ohm (Continued)
Interface Dimensions
Mini BNC Jack
Dimensions
ABC
D
E
F
G
H
J
K
L
M
8.89–9.14
7.37–7.62
7.11–7.21
6.63–6.73
6.20–6.30
5.03–5.13
4.39–4.50
1.32–1.42
3.86–4.27
7.70
0.18–0.30
4.01
.350–.360
.290–.300
.280–.284
.261–.265
.244–.248
.198–.202
.173–.177
.052–.056
.152–.168
.303
Min.
.007–.012
.158
Min.
Mini BNC Plug
Dimensions
ABCD
E
F
G
H
J
7.70–7.80
0.71–0.76
11.43–11.68
4.27–4.93
0.94–1.35
1.57–1.68
9.60–9.70
2.50–2.59
.303–.307
.028–.030
.450–.460
.168–.194
.037–.053
.062–.066
.378–.382
.098–.102
Dimensions
KL
M
N
P
Q
R
S
T
1.57–1.68
0.64–0.74
1.47–1.57
0.20–0.30
4.62–4.93
2.84–3.38
29°–31°
14°–16°
6.20–6.30
.062–.066
.025–.029
.058–.062
.008–.012
.182–.194
.112–.133
.244–.248
Ø H
Reference
Plane
Ø A
Ø E
K
J
L
G
F
Ø D
Ø C
Ø B
M
S
°
K
M
L
J
Ø H
Ø A
Ø B
Ø D
Ø T
Ø C
Ø N Typ.
Q Ref.
Reference
Plane
R
° Typ.
G
Q
F
P
E
Contact Types


Similar Part No. - 1274568-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1274 ETC-1274 Datasheet
105Kb / 1P
   Heyco짰 Original Strain Relief Bushings
logo
Alpha Wire
1274 ALPHAWIRE-1274 Datasheet
98Kb / 4P
   Customer Specification
8/30/2022
1274 ALPHAWIRE-1274 Datasheet
97Kb / 4P
   Customer SpecificationS
12/2/2022
logo
Heyco.
1274 HEYCO-1274 Datasheet
104Kb / 1P
   Original Strain Relief Bushings
logo
Festo Corporation.
12740 FESTO-12740 Datasheet
82Kb / 1P
   Pneumatic muffler
More results

Similar Description - 1274568-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
Pasternack Enterprises,...
PE34703 PASTERNACK-PE34703 Datasheet
392Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703LF PASTERNACK-PE34703LF Datasheet
398Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703-36 PASTERNACK-PE34703-36 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-48 PASTERNACK-PE34703-48 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-24 PASTERNACK-PE34703LF-24 Datasheet
399Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-48 PASTERNACK-PE34703LF-48 Datasheet
400Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-24 PASTERNACK-PE34703-24 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com