Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9560403VXA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # 5962R9560403VXA
Description  LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

5962R9560403VXA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  5962R9560403VXA Datasheet HTML 1Page - National Semiconductor (TI) 5962R9560403VXA Datasheet HTML 2Page - National Semiconductor (TI) 5962R9560403VXA Datasheet HTML 3Page - National Semiconductor (TI) 5962R9560403VXA Datasheet HTML 4Page - National Semiconductor (TI) 5962R9560403VXA Datasheet HTML 5Page - National Semiconductor (TI) 5962R9560403VXA Datasheet HTML 6Page - National Semiconductor (TI) 5962R9560403VXA Datasheet HTML 7Page - National Semiconductor (TI) 5962R9560403VXA Datasheet HTML 8Page - National Semiconductor (TI) 5962R9560403VXA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
N/C
N/C
OUT A
N/C
IN- A
V+
IN+ A
N/C
N/C
OUT B
V-
IN- B
N/C
IN+ B
N/C
N/C
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
LM6172QML
www.ti.com
SNOSAR4A – DECEMBER 2010 – REVISED OCTOBER 2011
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Check for Samples: LM6172QML
1
FEATURES
DESCRIPTION
The LM6172 is a dual high speed voltage feedback
234
Available with Radiation Specification
amplifier. It is unity-gain stable and provides excellent
High Dose Rate 300 krad(Si)
DC and AC performance. With 100MHz unity-gain
ELDRS Free 100 krad(Si)
bandwidth, 3000V/
μs slew rate and 50mA of output
current
per
channel,
the
LM6172
offers
high
Easy to Use Voltage Feedback Topology
performance in dual amplifiers; yet it only consumes
High Slew Rate 3000V/
μs
2.3mA of supply current each channel.
Wide Unity-Gain Bandwidth
100MHz
The LM6172 operates on ±15V power supply for
Low Supply Current
2.3mA / Amplifier
systems requiring large voltage swings, such as
High Output Current
50mA / Amplifier
ADSL, scanners and ultrasound equipment. It is also
specified at ±5V power supply for low voltage
Specified for ±15V and ±5V Operation
applications such as portable video systems.
APPLICATIONS
The LM6172 is built with TI's advanced VIP™ III
(Vertically Integrated PNP) complementary bipolar
Scanner I- to -V Converters
process.
ADSL/HDSL Drivers
Multimedia Broadcast Systems
Video Amplifiers
NTSC, PAL® and SECAM Systems
ADC/DAC Buffers
Pulse Amplifiers and Peak Detectors
Connection Diagram
Figure 1. 8-Pin CDIP
Figure 2. 16LD CLGA
Top View
Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VIP is a trademark of Texas Instruments.
3
PAL is a registered trademark of and used under lisence from Advanced Micro Devices, Inc..
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962R9560403VXA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962R9560403VXA NSC-5962R9560403VXA Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
5962R9560403VXA TI1-5962R9560403VXA Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
5962R9560403VXA TI-5962R9560403VXA Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results

Similar Description - 5962R9560403VXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6172QML TI1-LM6172QML_16 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI-LM6172QML_V01 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
logo
National Semiconductor ...
LM6172QML-SP NSC-LM6172QML-SP Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172_16 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172_14 Datasheet
1Mb / 25P
   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172IMX TI-LM6172IMX Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com