Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9560401QPA Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 5962F9560401QPA
Description  LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

5962F9560401QPA Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button 5962F9560401QPA Datasheet HTML 7Page - National Semiconductor (TI) 5962F9560401QPA Datasheet HTML 8Page - National Semiconductor (TI) 5962F9560401QPA Datasheet HTML 9Page - National Semiconductor (TI) 5962F9560401QPA Datasheet HTML 10Page - National Semiconductor (TI) 5962F9560401QPA Datasheet HTML 11Page - National Semiconductor (TI) 5962F9560401QPA Datasheet HTML 12Page - National Semiconductor (TI) 5962F9560401QPA Datasheet HTML 13Page - National Semiconductor (TI) 5962F9560401QPA Datasheet HTML 14Page - National Semiconductor (TI) 5962F9560401QPA Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM6172QML
www.ti.com
SNOSAR4A – DECEMBER 2010 – REVISED OCTOBER 2011
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise noted, TA = 25°C
Large Signal Pulse Response
Small Signal Pulse Response
AV = +1, VS = ±5V
AV = +1, VS = ±5V
Figure 27.
Figure 28.
Large Signal Pulse Response
Small Signal Pulse Response
AV = +2, VS = ±15V
AV = +2, VS = ±15V
Figure 29.
Figure 30.
Large Signal Pulse Response
Small Signal Pulse Response
AV = +2, VS = ±5V
AV = +2, VS = ±5V
Figure 31.
Figure 32.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM6172QML


Similar Part No. - 5962F9560401QPA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962F9560401QPA NSC-5962F9560401QPA Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
5962F9560401QPA TI1-5962F9560401QPA Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results

Similar Description - 5962F9560401QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6172QML TI1-LM6172QML_16 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI-LM6172QML_V01 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
logo
National Semiconductor ...
LM6172QML-SP NSC-LM6172QML-SP Datasheet
1Mb / 25P
   LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172_16 Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172_14 Datasheet
1Mb / 25P
   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172IMX TI-LM6172IMX Datasheet
1Mb / 25P
[Old version datasheet]   LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com