Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4DLCD-32QA Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. 4DLCD-32QA
Description  Display Datasheet
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4DLCD-32QA Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 4DLCD-32QA Datasheet HTML 5Page - List of Unclassifed Manufacturers 4DLCD-32QA Datasheet HTML 6Page - List of Unclassifed Manufacturers 4DLCD-32QA Datasheet HTML 7Page - List of Unclassifed Manufacturers 4DLCD-32QA Datasheet HTML 8Page - List of Unclassifed Manufacturers 4DLCD-32QA Datasheet HTML 9Page - List of Unclassifed Manufacturers 4DLCD-32QA Datasheet HTML 10Page - List of Unclassifed Manufacturers 4DLCD-32QA Datasheet HTML 11Page - List of Unclassifed Manufacturers 4DLCD-32QA Datasheet HTML 12Page - List of Unclassifed Manufacturers 4DLCD-32QA Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
4DLCD-32QA
Datasheet
© 2012 4D Systems
www.4dsystems.com.au
Page 9 of 14
5. QUALITY TESTING
The LCD Module should be designed to meet a minimum MTTF value of 50,000hrs under normal operating conditions.
T = 25oC, Indoors, Not exposed to sunlight. Note, Backlight life time is not included.
Criterion:
No defect of Operational Function in Room Temperature is allowable-
Leakage current should be below double the initial value-
5.1 Reliability Tests
S. No.
Item
Condition
Pass/Fail
1
High Temperature Operating
70oC, 240hrs
Pass
2
Low Temperature Operating
-20oC, 240hrs
Pass
3
High Temperature Non-Operating
80oC, 240hrs
Pass
4
Low Temperature Non-Operating
-30oC, 240hrs
Pass
5
High Temperature/Humidity Non-Operating
50oC, 90% RH, 240hrs
Pass
6
Temperature Shock Non-Operating
-30oC 
80oC , 10 cycles
30min----5min----30min
Pass
7
Electro-Static Discharge
HBM: +2KV
Pass
Note1: Test after 24 hrs in room temperature.
Note2: The sampling above is individual for each reliability testing.
Note3: The color fading of polarization filter should not care.
Note4: The entire reliability testing chamber above is using D.I. water (Min value: 1.0MOhm-cm)
Note5: In case of malfunction defect cause by the ESD Damage, If it could be recovered to normal state after resetting,
it would be considered as a good part.
5.2 Color Performance
S. No.
Item
Condition
1
Luminance
> 50%
2
NTSC
> 70%
3
Contrast Ratio
> 50%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn