Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4DLCD-28QA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. 4DLCD-28QA
Description  Display Datasheet
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4DLCD-28QA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  4DLCD-28QA Datasheet HTML 1Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 2Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 3Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 4Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 5Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 6Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 7Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 8Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
4DLCD-28QA
Datasheet
© 2012 4D Systems
www.4dsystems.com.au
Page 3 of 16
1. SPECIFICATIONS
1.1 General Characteristics
S.No. Items
Specifications
1
Screen size (inch)
2.8” Diagonal
2
LCD Type
TFT, Positive, TRANSMISSIVE
3
Colors
65K Colors
4
Display Resolution
240 x RGB x 320
5
Module Outline (mm)
50 x 69.2 x 3.6 (W x H x T)
6
Active Area (mm)
43.2 x 57.6 (W x H)
7
Touch Panel Dimension 49.5 x 68.75 x 1.2 (W x H x T)
8
Viewing Direction
6:00 O’ Clock
9
Pixel Arrangement
RGB Vertical Stripe
10
Interface
8080, 8/16 bit CPU Interface
11
Assembly Type
Connector type FPC
12
Driver IC
ILI9341
13
Backlight
4 x White LED
14
Pixel Arrangement
RGB Vertical Stripe


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn