Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4DLCD-28QA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. 4DLCD-28QA
Description  Display Datasheet
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4DLCD-28QA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 4DLCD-28QA Datasheet HTML 7Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 8Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 9Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 10Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 11Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 12Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 13Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 14Page - List of Unclassifed Manufacturers 4DLCD-28QA Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
4DLCD-28QA
Datasheet
© 2012 4D Systems
www.4dsystems.com.au
Page 11 of 16
5. QUALITY TESTING
Result Evaluation Criterion:
T = 25 + 2 oC, Indoors, Not exposed to sunlight, Humidity = 60 + 5 % RH.
Operating State: Samples subject to the test shall be in operating conditions.
5.1 Reliability Tests
No. Item
Condition
Pass/Fail Remarks
1
High Temperature Storage
80oC + 2 oC, 96hrs
Pass
Module
without
contamination
2
Low Temperature Storage
-30oC + 2 oC, 96hrs
Pass
3
High Temperature
Operating
60oC, 96hrs
Pass
4
Low
Temperature
Operating
-10oC, 96hrs
Pass
5
High
Temperature/Humidity
Storage
60oC, 90% RH, 96hrs
Pass
6
High
Temperature/Humidity
Operating
40oC, 90% RH, 96hrs
Pass
7
Thermal Shock
-20oC25oC70oC25oC
30min30min30min30min
10 cycles
Pass
8
Vibration Test
(Packaged)
10Hz ~ 55Hz (1min)
Amplitude: 1.5mm
Each direction(X,Y,Z) for 2hrs
Pass
9
Drop Test
(Packaged)
Packing Weight (Kg)
Drop Height (cm)
Drop
Direction
1 corner
3 edges
6 sides
Each time
0 ~ 45.4
122
45.4 ~ 90.8
76
90.8 ~ 454
61
Over 454
46
10
Electrostatic Test
Air Discharge
Apply 2KV with 5 times
discharge for each
polarity +/-
Contact Discharge
Apply 250V with 5
times discharge for
each polarity +/-
Pass
1- Temperature ambiance: 15oC ~ 35 oC
2- Relative Humidity: 30% ~ 60%
3- Energy storage capacitance:
CS +CD : 150pF + 10%
4- Discharge Resistance (Rd): 330Ω + 10%
5- Discharge, Mode of operation:
Single discharge (time between successive
discharges at least 1s) (Tolerance if the output
voltage indication: + 5%.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn